| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV331M7X Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV331M7X Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 32 page ![]() LMV331-N, LMV339-N, LMV393-N SNOS018G – AUGUST 1999 – REVISED FEBRUARY 2013 www.ti.com OR GATES A three input OR gate is achieved from the basic AND gate simply by increasing the resistor value connected from the inverting input to Vcc, thereby reducing the reference voltage. A logic "1" at any of the inputs will produce a logic "1" at the output. Figure 24. OR Gate ORing THE OUTPUT By the inherit nature of an open collector comparator, the outputs of several comparators can be tied together with a pull up resistor to VCC. If one or more of the comparators outputs goes low, the output VO will go low. 16 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LMV331-N LMV339-N LMV393-N |