Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV331M7 Fiches technique(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMV331M7
Description  LMV331-N Single LMV393-N Dual LMV339-N Quad General Purpose, Low Voltage, Tiny
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMV331M7 Fiches technique(HTML) 24 Page - Texas Instruments

Back Button LMV331M7 Datasheet HTML 20Page - Texas Instruments LMV331M7 Datasheet HTML 21Page - Texas Instruments LMV331M7 Datasheet HTML 22Page - Texas Instruments LMV331M7 Datasheet HTML 23Page - Texas Instruments LMV331M7 Datasheet HTML 24Page - Texas Instruments LMV331M7 Datasheet HTML 25Page - Texas Instruments LMV331M7 Datasheet HTML 26Page - Texas Instruments LMV331M7 Datasheet HTML 27Page - Texas Instruments LMV331M7 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMV331M5
SOT-23
DBV
5
1000
210.0
185.0
35.0
LMV331M5X
SOT-23
DBV
5
3000
210.0
185.0
35.0
LMV331M7
SC70
DCK
5
1000
210.0
185.0
35.0
LMV331M7/NOPB
SC70
DCK
5
1000
210.0
185.0
35.0
LMV331M7X
SC70
DCK
5
3000
210.0
185.0
35.0
LMV331M7X/NOPB
SC70
DCK
5
3000
210.0
185.0
35.0
LMV339MTX
TSSOP
PW
14
2500
367.0
367.0
35.0
LMV339MTX/NOPB
TSSOP
PW
14
2500
367.0
367.0
35.0
LMV339MX/NOPB
SOIC
D
14
2500
367.0
367.0
35.0
LMV393MM
VSSOP
DGK
8
1000
210.0
185.0
35.0
LMV393MM/NOPB
VSSOP
DGK
8
1000
210.0
185.0
35.0
LMV393MMX
VSSOP
DGK
8
3500
367.0
367.0
35.0
LMV393MMX/NOPB
VSSOP
DGK
8
3500
367.0
367.0
35.0
LMV393MX
SOIC
D
8
2500
367.0
367.0
35.0
LMV393MX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32