Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5258BRMZ50-R7 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD5258BRMZ50-R7
Description  Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5258BRMZ50-R7 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD5258BRMZ50-R7 Datasheet HTML 3Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 4Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 5Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 6Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 7Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 8Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 9Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 10Page - Analog Devices AD5258BRMZ50-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5258
Rev. D | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5258
TOP VIEW
(Not to Scale)
W 1
AD0 2
AD1 3
SDA 4
SCL 5
A
B
VDD
GND
VLOGIC
10
9
8
7
6
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
W
W Terminal, GND ≤ VW ≤ VDD.
2
AD0
Programmable Pin 0 for Multiple Package Decoding. State is registered on power-up.
3
AD1
Programmable Pin 1 for Multiple Package Decoding. State is registered on power-up.
4
SDA
Serial Data Input/Output.
5
SCL
Serial Clock Input. Positive edge triggered.
6
VLOGIC
Logic Power Supply.
7
GND
Digital Ground.
8
VDD
Positive Power Supply.
9
B
B Terminal, GND ≤ VB ≤ VDD.
10
A
A Terminal, GND ≤ VA ≤ VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24