| Moteur de recherche de fiches techniques de composants électroniques |
|
154RLS050M Fiches technique(PDF) 1 Page - Illinois Capacitor, Inc. |
|
|
|||||||||||||||||||||||||||||
154RLS050M Fiches technique(HTML) 1 Page - Illinois Capacitor, Inc. |
|
1 / 2 page ![]() 3757 W. Touhy Ave., Lincolnwood, Il 60712 ● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com RLS +85°C Low Leakage Height Aluminum Electrolytic Capacitors Features Low Leakage current Lead Free Leads Applications Alternative for Tantalums Filtering Timing circuits De-Coupling Specifications Operating Temperature Range -40°C to +85°C Capacitance Tolerance +20% at 120 Hz, 20°C WVDC 10 16 25 35 50 Surge voltage SVDC 13 20 32 44 63 WVDC 10 16 25 35 50 Dissipation Factor tan δ .2 .16 .14 .12 .1 2 Minutes Leakage current .002CV or 3uA,Whichever is greater Rated WVDC 10 16 25 35 50 -25°C to +20°C 3 2 2 2 2 Low temperature stability Impedance ratio (120 Hz) -40°C to +20°C 6 4 4 3 3 2000 hours at 85°C with rated WVDC Capacitance change <20% of initial measured value Dissipation factor <200% of maximum specified value Load Life Leakage current >100% of maximum specified value 1000 hours at 85°C with no voltage applied Capacitance change <20% of initial measured value Dissipation factor <200% of maximum specified value Shelf Life Leakage current >100% of maximum specified value Frequency (Hz) Temperature (°C) Cap 50 120 400 1k 10k 100k 85 70 60 30 C<10 0.8 1.0 1.3 1.45 1.65 1.7 1.0 1.3 1.5 1.8 10<C<100 0.8 1.0 1.23 1.36 1.48 1.53 1.0 1.3 1.5 1.8 100<C<1000 0.8 1.0 1.16 1.25 1.35 1.38 1.0 1.3 1.5 1.8 Ripple Current Multipliers C>1000 0.8 1.0 1.11 1.17 1.25 1.28 1.0 1.3 1.5 1.8 D 5 6.3 8 10 12.5 S 2.0 2.5 3.5 5.0 5.0 d 0.5 0.5 0.6 0.6 0.6 D1=D+0.5mm D<8mm, L1=L+1mm D>8mm, L1=L+1.5mm S1=S+0.5mm |
Numéro de pièce similaire - 154RLS050M |
|
Description similaire - 154RLS050M |