| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF06SA Fiches technique(PDF) 26 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF06SA Fiches technique(HTML) 26 Page - Tyco Electronics |
|
26 / 326 page ![]() A26 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A DR Series Rotary DIP Switches, Unsealed, Through Hole, Straight and Right-Angle FOOTPRINTS TRUTH TABLES Terminal Identification (view from bottom of the switch) .031 (0.80) DIA. TYP. .100 (2.54) S STYLE VERTICAL (METAL SHAFT) S STYLE RA (METAL SHAFT) PC RIGHT ANGLE PC .500 (12.7) TYP. .150 (3.81) TYP. .100 (2.54) .200 (5.08) .200 (5.08) .031 (0.80) TYP. .100 (2.54) TYP. .300 (7.60) .500 (12.70) .031 (0.80) DIA. TYP. .300 (7.60) .100 (2.54) TYP. .031 (0.80) TYP. .300 (7.60) .150 (3.81) TYP. 16-Position Hexadecimal Complement (white actuator) Pos. 0123456789 A B C D E F C X XXXXXXXXXXX XXXX 1 XXX XXXXX 2 XX X X XX XX 4 XXXX XXX X 8 XXXXX XXX 10-Position, BCD (red actuator) Pos. 0123456789 C XXXXXXXXXX 1 XX XXX 2 XX XX 4 X XXX 8X X 16-Position, Hexadecimal (black actuator) Pos. 0123456789 A B C D E F C XXXXXXXXXXXXXXX X 1 XX XXXXXX 2 X X X X X X XX 4 X XXX XXXX 8 XXXXXXXX 8 C 2 1 C 4 8 C 2 1 C ACTUATOR LOCATION 4 10-Position, BCD Complement (orange actuator) Pos. 0123456789 C XXXXXXXXXX 1 XXX XX 2 X XX XX X 4 XXXX XX 8 XXXXX XXX |