| Moteur de recherche de fiches techniques de composants électroniques |
|
ADF02SAT Fiches technique(PDF) 74 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADF02SAT Fiches technique(HTML) 74 Page - Tyco Electronics |
|
74 / 326 page ![]() 4P3T CST043NK Part Number Tyco Alcoswitch Contact Timing Electronics 1437576-5 CST042NK None On On Non Shorting .906 (23.0) .769 (18.0) 0.48 (11.2) 4-40 UNC 2 HOLES 30û 90û 0.06 (1.50) .472 (12.0) 0.14 (3.50) .583 (14.8) .020 (.500) TYP. .039 (1.00) TYP. .472 (12.0) .197 (.500) .024 (.600) TYP. .197 (5.00) .098 (2.50) TYP. .051 (1.30) TYP. DIA. .035 (.900) TYP. DIA. .098 (2.50) .197 (5.00) .197 (5.00) .098 (2.50) .787 (20.0) .098 (2.50) .394 (10.0) 1 2 3 1 2 3 .787 (20.0) .189 (4.80) 1 2 3 1 2 3 .425 (10.8) B46 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B CST Series 1.03 (26.0) .785 (19.9) .480 (12.2) 4-40 UNC 2 PLACES 30û 30û .059 (1.50) .472 (12.0) .138 (3.51) .583 (14.8) .018 (.457) TYP. .039 (.991) .472 (12.0) .197 (.500) .024 (.610) .098 (2.49) .984 (25.0) .034 (.864) .405 (10.3) .984 (25.0) .100 (2.54) .098 (2.49) TYP. 1 2 .189 (4.80) .197 (5.00) .050 (1.27) TYP. DIA. 1 2 1 2 1 2 1 2 1 2 0.44 (11.18) Slide Switches, Baton-Toggle, Multi Pole 1.12 (28.5) .945 (24.0) 0.48 (12.2) 4-40 UNC 2 PLACES 30û 30û 0.06 (1.50) .472 (12.0) .138 (3.51) .583 (14.8) .018 (.457) .039 (.991) TYP. .472 (12.0) .197 (.500) .024 (.610) .197 (5.00) .098 (2.49) TYP. .050 (1.27) TYP. DIA. .106 (2.69) .197 (5.00) .099 (2.52) 1.08 (27.5) .098 (2.49) .405 (10.3) 1 2 3 1 2 3 1.08 (27.5) .189 (4.80) 1 2 3 1 2 3 .425 (10.8) .034 (.864) TYP. DIA. 4PDT 6PDT CST062NK CST042NK Part Number Tyco Alcoswitch Contact Timing Electronics 1437576-6 CST043NK On On On Non Shorting Part Number Tyco Alcoswitch Contact Timing Electronics 1437576-7 CST062NK None On On Non Shorting Circuit Diagram 1 1 1 1 2 1 2 2 1 1 2 2 2 3 3 3 2 1 1 2 3 3 2 SEE PAGE B45 FOR PRODUCT SPECIFICATIONS |