| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE10S Fiches technique(PDF) 9 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE10S Fiches technique(HTML) 9 Page - Tyco Electronics |
|
9 / 326 page ![]() DIP Switches, Piano Acutuator, Auto Insertable, Through Hole, and Surface Mount ADP TERMINATION OPTIONS “PC” Termination Shown .100 (2.54) TYP. .063 (1.60) .020 (0.60) .100 (2.54) .346 (8.80) .083 (2.11) .039 (1.00) .030 (0.75) .300-.340 (7.60-8.70) .266 (6.76) .128 (3.25) 25 ° L “S” Term “SA” Term. Lever Down "On" Lever Down "On" Lever Down "On" No. of Actuator Dim. Tyco Alcoswitch Tyco Alcoswitch Tyco Alcoswitch Positions Style L Electronics Electronics Electronics 1-1437587-1 ADP02 1-1437587-2 ADP02S 1-1437587-3 ADP02SA 2 Piano .278(7.06) 1-1437587-5 ADP04 1-1437587-7 ADP04S 1-1437587-8 ADP04SA 4 Piano .478(12.14) 2-1437587-0 ADP05 2-1437587-1 ADP05S — ADP05SA 5 Piano .578(14.68) 2-1437587-2 ADP06 2-1437587-3 ADP06S 2-1437587-4 ADP06SA 6 Piano .678(17.22) 2-1437587-5 ADP07 — ADP07S — ADP07SA 7 Piano .778(19.76) 2-1437587-6 ADP08 2-1437587-8 ADP08S 2-1437587-9 ADP08SA 8 Piano .878(22.30) 3-1437587-0 ADP09 — ADP09S 3-1437587-1 ADP09SA 9 Piano .978(24.84) 3-1437587-3 ADP10 3-1437587-6 ADP10S — ADP10SA 10 Piano 1.078(27.38) ADP04S Piano Actuator .128 (3.25) .035 ±.008 (.889 ±.203) .037 (0.94) +.005 -.008 +.013 -.203) ( .325 (8.26) REF .410 (10.4) MIN. .240 (6.10) MAX. .100 (2.54) TYP. .060 (1.52) MIN. TYP. .275 (6.99) REF .350 (8.89) MIN. .200 (5.08) MAX. .100 (2.54) TYP. .060 (1.52) MIN. TYP. S Termination SA Termination PC Termination .100 (2.54) TYP. .031 (0.79) TYP. .300 (7.62) . PC S SA “S” Term “SA” Term. Lever Up "On" Lever Up "On" Lever Up "On" No. of Actuator Dim. Tyco Alcoswitch Tyco Alcoswitch Tyco Alcoswitch Positions Style L Electronics Electronics Electronics 4-1437587-7 ADPA02 — ADPA02S — ADPA02SA 2 Piano .278(7.06) 4-1437587-8 ADPA04 5-1437587-0 ADPA04S 5-1437587-1 ADPA04SA 4 Piano .478(12.14) 5-1437587-2 ADPA05 5-1437587-3 ADPA05S — ADPA05SA 5 Piano .578(14.68) 5-1437587-4 ADPA06 5-1437587-5 ADPA06S 5-1437587-6 ADPA06SA 6 Piano .678(17.22) 5-1437587-7 ADPA07 — ADPA07S — ADPA07SA 7 Piano .778(19.76) 5-1437587-8 ADPA08 6-1437587-0 ADPA08S — ADPA08SA 8 Piano .878(22.30) — ADPA09 — ADPA09S — ADPA09SA 9 Piano .978(24.84) 6-1437587-1 ADPA10 — ADPA10S — ADPA10SA 10 Piano 1.078(27.38) AD Series A9 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A SEE PAGE A7 FOR PRODUCT SPECIFICATIONS |