| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE06S Fiches technique(PDF) 14 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE06S Fiches technique(HTML) 14 Page - Tyco Electronics |
|
14 / 326 page ![]() A14 A 7000 Series Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 DIP Switches, Extended Actuator, Multiple Pole, Single Throw Recommended PC Board Hole Pattern Multiple Double Pole Single Throw Contact Lead Spacing — .100 x .300 [2.54 x 7.62] Lead Length — .140 [3.56] below mounting surface Contact Arrangement Note: Switches shown in open position. No. of Dim. A DPST Part No. Switches inch mm Low Profile Extended Lever Actuator Actuator 1 .280 7.11 435469-9 2-435469-1 2 .480 12.19 — 2-435469-2 4 .880 22.35 435469-3 2-435469-4 5 1.080 27.43 — 2-435469-5 6 1.280 32.51 — 2-435469-6 Extended Lever Actuator Shown Extended Lever Actuator Shown No. of Dim. A 4PST Part No. Switches inch mm Low Profile Extended Lever Actuator Actuator 1 .480 12.19 435469-7 3-435469-1 4-Pole Single Throw Contact Lead Spacing — .100 x .300 [2.54 x 7.62] Lead Length — .140 [3.56] below mounting surface Contact Arrangement Note: Switches shown in open position. Pin 1 Pin 1 .100 [2.54 ] ± .005 ± 0.13 .300 [7.62 ] ± .005 ± 0.13 Typ. .035 [0.89 ] ± .005 ± 0.13 Dia. Typ. .360 [9.14] .460 [11.68] .360 [9.14] .460 [11.68] A .380 [9.65] White Dot Identifies Pin 1 .290 [7.37] .380 [9.65] .290 [7.37] A White Dot Identifies Pin 1 |