| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE04SA Fiches technique(PDF) 34 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE04SA Fiches technique(HTML) 34 Page - Tyco Electronics |
|
34 / 326 page ![]() .370 9.39 .290 7.37 .110 2.79 .020±.002 Typ. .508±.051 .100±.005 Typ. 2.54±.127 .150±.005 3.81±.127 .170±.005 4.32±.127 .300±.005 7.62±.127 .205 5.21 .150 3.81 .100 2.54 .175 4.45 .055 1.40 .075 1.91 A L Type Surface Mount *Side Actuator Only ASE/F Series B6 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 B Slide Switches, Extended Actuator, Through Hole and Surface Mount .320 (8.13) .200 (5.08) .050 (1.27) .160 (4.06) .150 (3.81) .175 (4.44) .050 (1.27) .050 (1.27) .060 (1.52) .020 (0.51) TYP. .020 (0.51) TYP. .150 (3.81) .100 (2.54) TYP. .290 (7.37) MAX. .230* (5.84) A EXTENDED SIDE ACTUATOR *.105 (2.67) ASE22R, ASE22RG .320 (8.13) .200 (5.08) .110 (2.79) .160 (4.06) .150 (3.81) .175 (4.44) .050 (1.27) .050 (1.27) .075 (1.91) .010 (0.25) TYP. .020 (0.51) TYP. .100 (2.54) TYP. .290 (7.37) MAX. A EXTENDED TOP ACTUATOR Upright, Through Hole, Extended Actuator Tyco Alcoswitch Type Contact Dim A Electronics 1437581-2 ASE22 DPDT Silver .400/10.2 1437581-4 ASE22G DPDT Gold .400/10.2 1-1437581-4 ASE42 4PDT Silver .700/17.8 1-1437581-6 ASE42G 4PDT Gold .700/17.8 2-1437581-5 ASE43 4P3T Silver 1.10/27.9 2-1437581-6 ASE43G 4P3T Gold 1.10/27.9 3-1437581-1 ASE62 6PDT Silver 1.00/25.4 3-1437581-3 ASE62G 6PDT Gold 1.00/25.4 Right Angle, Through Hole, Extended Actuator Tyco Alcoswitch Type Contact Dim A Electronics 1437581-8 ASE22R DPDT Silver .400/10.2 1437581-9 ASE22RG DPDT Gold .400/10.2 1-1437581-9 ASE42R 4PDT Silver .700/17.8 2-1437581-0 ASE42RG 4PDT Gold .700/17.8 2-1437581-9 ASE43R 4P3T Silver 1.10/27.9 3-1437581-0 ASE43RG 4P3T Gold 1.10/27.9 3-1437581-6 ASE62R 6PDT Silver 1.00/25.4 3-1437581-7 ASE62RG 6PDT Gold 1.00/25.4 Upright, Surface Mount "L" Type, Extended Actuator Tyco Alcoswitch Type Contact Dim A Electronics 1437581-5 ASE22GL DPDT Gold .400/10.2 1437581-7 ASE22L DPDT Silver .400/10.2 1-1437581-7 ASE42GL 4PDT Gold .700/17.8 1-1437581-8 ASE42L 4PDT Silver .700/17.8 2-1437581-7 ASE43GL 4P3T Gold 1.10/27.9 2-1437581-8 ASE43L 4P3T Silver 1.10/27.9 3-1437581-4 ASE62GL 6PDT Gold 1.00/25.4 3-1437581-5 ASE62L 6PDT Silver 1.00/25.4 NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. NOTE: See Page B10 for Circuit Diagram and Recommended PC Board Layout. |