Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE02SA Fiches technique(PDF) 17 Page - Tyco Electronics

No de pièce ADE02SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE02SA Fiches technique(HTML) 17 Page - Tyco Electronics

Back Button ADE02SA Datasheet HTML 13Page - Tyco Electronics ADE02SA Datasheet HTML 14Page - Tyco Electronics ADE02SA Datasheet HTML 15Page - Tyco Electronics ADE02SA Datasheet HTML 16Page - Tyco Electronics ADE02SA Datasheet HTML 17Page - Tyco Electronics ADE02SA Datasheet HTML 18Page - Tyco Electronics ADE02SA Datasheet HTML 19Page - Tyco Electronics ADE02SA Datasheet HTML 20Page - Tyco Electronics ADE02SA Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 326 page
background image
A17
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
7100 Series
DIP Switches, Rocker Style Actuator
.380
[9.65]
.290
[7.37]
A
White Dot Identifies Pin 1
.380
[9.65]
.290
[7.37]
A
White Dot Identifies Pin 1
Single Pole
Single Throw
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Contact Arrangement
Note: Switches shown in open position.
Single Pole
Single Throw
Low Profile
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Contact Arrangement
Note: Switches shown in open position.
No. of
Dim. A
SPST Standard Profile
SPST Low Profile
Switches
inch
mm
Unsealed1
Sealed
Unsealed1
Tape Sealed
Part No.
Part No.
Part No.
Part No.
2
.280
7.11
2-435640-9
—
435668-1
2-435668-6
3
.380
9.65
3-435640-0
—
—
3-435668-3
4
.480
12.19
435640-2
3-435640-5
435668-3
3-435668-4
5
.580
14.73
435640-3
3-435640-6
435668-4
3-435668-5
6
.680
17.27
435640-4
3-435640-7
435668-5
2-435668-5
7
.780
19.81
435640-1
3-435640-8
—
2-435668-7
8
.880
22.35
435640-5
3-435640-9
435668-7
2-435668-8
9
.980
24.89
435640-6
4-435640-0
—
2-435668-9
10
1.080
27.43
435640-7
4-435640-1
435668-9
3-435668-0
11
1.180
29.97
—
—
—
3-435668-1
12
1.280
32.51
3-435640-2
4-435640-3
—
3-435668-2
Recommended PC Board Hole Pattern
1
All switches are bottom sealed.
Pin 1
Pin 1
.300
[7.62
]
± .005
± 0.13
.100
[2.54
]
± .005
± 0.13 Typ.
.035
[0.89
]
± .005
± 0.13 Dia. Typ.
.340
[8.64]
.290
[7.37]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More