| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE02 Fiches technique(PDF) 189 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE02 Fiches technique(HTML) 189 Page - Tyco Electronics |
|
189 / 326 page ![]() F14 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 F Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Rocker/Paddle Switches Rocker Switches, A Series, Wire Lug or Right Angle A101J1ZQO A101J1AQO A201J1ZQO Standard Rocker Color - (Black) Standard Rocker Color - (Black) A201J1AQO SEE PAGE F7 FOR PRODUCT SPECIFICATIONS AND PART MATRIX DPDT SPDT SPDT DPDT .275 (6.98) .080 (2.00) TYP. .138 (3.50) .370 (9.40) .030 (0.80) TYP. .500 (12.70) .185 (4.70) TYP. .310 (7.87) TYP. .531 (13.48) 25 .365 (9.27) EPOXY SEAL 1.15 (29.3) ..937 (23.80) .024 (0.60) .386 (9.80) .094 (2.40) DIA. 2 PLCS. .270 (6.85) .155 (3.93) o .275 (6.98) .080 (2.00) TYP. .500 (12.70) .365 (9.27) 1.15 (29.3) .937 (23.80) .094 (2.40) DIA. 2 PLCS. .450 (11.43) .040 (1.00) .190 (4.80) Silver Contacts Tyco Electronics Alcoswitch Type Act. Code. P. M5 1437591-8 A101J1AQ0 SPDT 1 On None On 4-1437591-6 A105J1AQ0 SPDT 5 (On) Off (On) Silver Contacts Tyco Electronics Alcoswitch Type Act. Code. P. M5 6-1437591-9 A201J1AQ0 DPDT 2 On None On 8-1437591-7 A203J1AQ0 DPDT 6 On Off On — A205J1AQ0 DPDT 6 (On) Off (On) .125 (3.18) .016 (0.40) .350 (8.89) .030 (0.76) .048 (1.21) .150 (3.81) .200 (5.08) .500 (12.7) .185 (4.70) TYP .073 (1.85) DIA. 32 1 65 4 .150 (3.80) .200 (5.08) .500 (12.7) .185 (4.70) TYP. .073 (1.85) DIA. TYP. 32 1 .890 (22.6) REF. .350 (8.89) .169 (4.29) .060 (1.52) .310 (7.87) .531 (13.48) 25 .185 (4.70) .200 (5.08) o EPOXY SEAL .062 (1.57) .265 (6.73) .500 (12.7) .346 (8.80) .185 (4.70) TYP. .031 (0.80) TYP. .093 (2.36) .125 (3.18) .050 (1.27) .016 (.040) .228 (5.80) .169 (4.30) PIVOT .500 (12.70) .048 (1.21) TYP. .200 (5.08) Silver Contacts Tyco Electronics Alcoswitch Type Act. Code. P. M5 7-1437591-4 A201J1ZQ0 DPDT 2 On None On 9-1437591-1 A203J1ZQ0 DPDT 6 On Off On 9-1437591-7 A205J1ZQ0 DPDT 6 (On) Off (On) Silver Contacts Tyco Electronics Alcoswitch Type Act. Code. P. M5 1-1437591-7 A101J1ZQ0 SPDT 1 On None On 3-1437591-8 A103J1ZQ0 SPDT 5 On Off On 5-1437591-0 A105J1ZQ0 SPDT 5 (On) Off (On) |