| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE02 Fiches technique(PDF) 186 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE02 Fiches technique(HTML) 186 Page - Tyco Electronics |
|
186 / 326 page ![]() F11 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 F Gemini Series Rocker/Paddle Switches Rocker/Paddle Switches, A Series, Termination Options Printed Circuit A A C Z Quick Connect .030 (.762) THK. .250 (6.35) .062 (1.57) EPOXY SEAL Mates with AMP 61454 or 60900. .250 (6.35) .050 (1.27) Epoxy Seal .189 (4.80) 6 5 4 3 2 1 3 2 1 .073 (1.85) DIA. TYP. .185 (4.70) TYP. .073 (1.85) DIA. TYP. .185 (4.70) TYP. .190 (4.83) SINGLE POLE DOUBLE POLE Right Angle Double Pole NOTE: Terminal numbers viewed from top of P.C. board. NOTE: Terminal numbers viewed from top of P.C. board. TERMINALS Wire Lug Standard Right Angle Single Pole .078 (1.98) .155 (3.94) Epoxy Seal .078 (1.98) .047 (1.19) .080 (2.00) .030 (.762) THK. 32 1 .500 (12.7) .200 (5.08) .185 (4.70) Typ. .073 (1.85) Dia. .030 (.762) Typ. .093 (2.36) .185 (4.70) Typ. Epoxy Seal Pivot .050 (1.27) Typ. .169 (4.29) .016 (.408) .048 (1.22) .200 (5.08) .230 (5.84) .125 (3.18) .062 (1.57) 6 54 32 1 .500 (12.7) .200 (5.08) .185 (4.70) Typ. .150 (3.81) .073 (1.85) Dia. .030 (0.76) Typ. .125 (3.18) .185 (4.70) Typ. Epoxy Seal Pivot .050 (1.27) Typ. .169 (4.29) .016 (0.41) .500 (12.7) .450 (11.43) .048 (1.22) .200 (5.08) 32 1 .500 (12.7) .200 (5.08) .185 (4.70) Typ. .073 (1.85) Dia. .030 (.762) Typ. .093 (2.36) .185 (4.70) Typ. Epoxy Seal Pivot .050 (1.27) Typ. .169 (4.29) .016 (.408) .048 (1.22) .200 (5.08) .230 (5.84) .125 (3.18) .062 (1.57) 65 4 32 1 .500 (12.7) .200 (5.08) .185 (4.70) Typ. .150 (3.81) .073 (1.85) Dia. .030 (0.76) Typ. .125 (3.18) .185 (4.70) Typ. Epoxy Seal Pivot .050 (1.27) Typ. .169 (4.29) .016 (0.41) .500 (12.7) .450 (11.43) .048 (1.22) .200 (5.08) Wire Wrap W .750 (19.05) .050 (1.27) Epoxy Seal |