| Moteur de recherche de fiches techniques de composants électroniques |
|
MPA206N Fiches technique(PDF) 273 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MPA206N Fiches technique(HTML) 273 Page - Tyco Electronics |
|
273 / 326 page ![]() Microswitches Microswitches Part Number Index L2 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 L 1478600-1 …………………L11 1478600-2 …………………L11 1478600-3 …………………L11 1478600-4 …………………L12 1478600-5 …………………L12 1478601-1 …………………L11 1478601-2 …………………L11 1478601-3 …………………L11 1478601-4 …………………L12 1478601-5 …………………L12 1478602-1 …………………L11 1478602-2 …………………L11 1478602-3 …………………L11 1478602-4 …………………L12 1478602-5 …………………L12 1478603-1 ……………………L3 1478603-2 ……………………L4 1478603-3 ……………………L5 1478603-4 ……………………L6 1478603-5 ……………………L7 1478603-6 ……………………L8 1478603-7 ……………………L9 1478604-1 ……………………L3 1478604-2 ……………………L4 1478604-3 ……………………L5 1478604-4 ……………………L6 1478604-5 ……………………L7 1478604-6 ……………………L8 1478604-7 ……………………L9 1478605-1 ……………………L3 1478605-2 ……………………L4 1478605-3 ……………………L5 1478605-4 ……………………L6 1478605-5 ……………………L7 1478605-6 ……………………L8 1478605-7 ……………………L9 1478606-1 ……………………L3 1478606-2 ……………………L4 1478606-3 ……………………L5 1478606-4 ……………………L6 1478606-5 ……………………L7 1478606-6 ……………………L8 1478606-7 ……………………L9 1478607-1 ……………………L3 1478607-2 ……………………L4 1478607-3 ……………………L5 1478607-4 ……………………L6 1478607-5 ……………………L7 1478607-6 ……………………L8 1478607-7 ……………………L9 1478608-1 ……………………L3 1478608-2 ……………………L4 1478608-3 ……………………L5 1478608-4 ……………………L6 1478608-5 ……………………L7 1478608-6 ……………………L8 1478608-7 ……………………L9 1478609-1 ……………………L3 1478609-2 ……………………L4 1478609-3 ……………………L5 1478609-4 ……………………L6 1478609-5 ……………………L7 1478609-6 ……………………L8 1478609-7 ……………………L9 1478610-1 ……………………L3 1478610-2 ……………………L4 1478610-3 ……………………L5 1478610-4 ……………………L6 1478610-5 ……………………L7 1478610-6 ……………………L8 1478610-7 ……………………L9 1478611-1 ……………………L3 1478611-2 ……………………L4 1478611-3 ……………………L5 1478611-4 ……………………L6 1478611-5 ……………………L7 1478611-6 ……………………L8 1478611-7 ……………………L9 1478612-1 ……………………L3 1478612-2 ……………………L4 1478612-3 ……………………L5 1478612-4 ……………………L6 1478612-5 ……………………L7 1478612-6 ……………………L8 1478612-7 ……………………L9 1478613-1 ……………………L3 1478613-2 ……………………L4 1478613-3 ……………………L5 1478613-4 ……………………L6 1478613-5 ……………………L7 1478613-6 ……………………L8 1478613-7 ……………………L9 1478614-1 ……………………L3 1478614-2 ……………………L4 1478614-3 ……………………L5 1478614-4 ……………………L6 1478614-5 ……………………L7 1478614-6 ……………………L8 1478614-7 ……………………L9 1478615-1 ……………………L3 1478615-2 ……………………L4 1478615-3 ……………………L5 1478615-4 ……………………L6 1478615-5 ……………………L7 1478615-6 ……………………L8 1478615-7 ……………………L9 1478616-1 ……………………L3 1478616-2 ……………………L4 1478616-3 ……………………L5 1478616-4 ……………………L6 1478616-5 ……………………L7 1478616-6 ……………………L8 1478616-7 ……………………L9 1478617-1 ……………………L3 1478617-2 ……………………L4 1478617-3 ……………………L5 1478617-4 ……………………L6 1478617-5 ……………………L7 1478617-6 ……………………L8 1478617-7 ……………………L9 1478618-1 ……………………L3 1478618-2 ……………………L4 1478618-3 ……………………L5 1478618-4 ……………………L6 1478618-5 ……………………L7 1478618-6 ……………………L8 1478618-7 ……………………L9 1478619-1 ……………………L3 1478619-2 ……………………L4 1478619-3 ……………………L5 1478619-4 ……………………L6 1478619-5 ……………………L7 1478619-6 ……………………L8 1478619-7 ……………………L9 1478620-1 ……………………L3 1478620-2 ……………………L4 1478620-3 ……………………L5 1478620-4 ……………………L6 1478620-5 ……………………L7 1478620-6 ……………………L8 1478620-7 ……………………L9 1478667-1 ……………………L3 1478667-2 ……………………L4 1478667-3 ……………………L5 1478667-4 ……………………L6 1478667-5 ……………………L7 1478667-6 ……………………L8 1478667-7 ……………………L9 1478668-1 ……………………L3 1478668-2 ……………………L4 1478668-3 ……………………L5 1478668-4 ……………………L6 1478668-5 ……………………L7 1478668-6 ……………………L8 1478668-7 ……………………L9 1478669-1 ……………………L3 1478669-2 ……………………L4 1478669-3 ……………………L5 1478669-4 ……………………L6 1478669-5 ……………………L7 1478669-6 ……………………L8 1478669-7 ……………………L9 1478670-1 ……………………L3 1478670-2 ……………………L4 1478670-3 ……………………L5 1478670-4 ……………………L6 1478670-5 ……………………L7 1478670-6 ……………………L8 1478670-7 ……………………L9 1478671-1 ……………………L3 1478671-2 ……………………L4 1478671-3 ……………………L5 1478671-4 ……………………L6 1478671-5 ……………………L7 1478671-6 ……………………L8 1478671-7 ……………………L9 1478672-1 ……………………L3 1478672-2 ……………………L4 1478672-3 ……………………L5 1478672-4 ……………………L6 1478672-5 ……………………L7 1478672-6 ……………………L8 1478672-7 ……………………L9 |