Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPA206N Fiches technique(PDF) 15 Page - Tyco Electronics

No de pièce MPA206N
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

MPA206N Fiches technique(HTML) 15 Page - Tyco Electronics

Back Button MPA206N Datasheet HTML 11Page - Tyco Electronics MPA206N Datasheet HTML 12Page - Tyco Electronics MPA206N Datasheet HTML 13Page - Tyco Electronics MPA206N Datasheet HTML 14Page - Tyco Electronics MPA206N Datasheet HTML 15Page - Tyco Electronics MPA206N Datasheet HTML 16Page - Tyco Electronics MPA206N Datasheet HTML 17Page - Tyco Electronics MPA206N Datasheet HTML 18Page - Tyco Electronics MPA206N Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 326 page
background image
A15
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
7000 Series
DIP Switches, Rocker Style Actuator
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
Contact Lead Spacing —
.100 x .300 [2.54 x 7.62]
Lead Length — .140 [3.56]
below mounting surface
.38±.02
[9.65±0.71]
.022±.002
[0.56±0.05]
Typ.
.14±.02
[3.56±0.71]
Typ.
.315±.01
[8.00±0.25]
Contact Arrangment
.29±.02
[7.36±0.71]
.02
[0.71
]
Stand Off, 4 Plc.
.19±.01
[4.82±0.25]
A
±.02
[0.51]
.100
[2.54]
Typ.
.012
[3.05] Typ.
Notches for
Rocker Actuation
Mounting
Surface
+.000
-.010
+0.00
-0.25
Contact Arrangment
.38±.02
[9.65±0.71]
.14±.02
[3.56±0.71]
Typ.
.34±.02
[8.63±0.71]
Typ.
.315±.01
[8.00±0.25]
.29±.02
[7.36±0.71] Typ.
.02
[0.71
]
Stand Off, 4 Plc.
.19±.01
[4.82±0.25]
A
±.02
[0.51]
.012
[3.05] Typ.
Mounting
Surface
+.000
-.010
+.000
-0.25
.100
[2.54]
Typ.
.022±.002
[0.56±0.05]
Typ.
Standard Profile
Low Profile
Number
SPST
SPST
of
Standard Profile
Low Profile
Switches
Unsealed
Sealed
Unsealed
Tape Sealed
2
2-435166-9
—
—
3-435626-6
3
—
—
—
3-435626-7
4
435166-2
4-435166-9
435626-1
3-435626-8
5
—
5-435166-0
435626-2
—
6
435166-4
5-435166-1
—
4-435626-0
7
435166-1
5-435166-2
—
4-435626-1
8
435166-5
5-435166-3
435626-5
4-435626-2
9
435166-6
—
—
—
10
435166-7
5-435166-5
—
4-435626-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More