Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPA206N Fiches technique(PDF) 261 Page - Tyco Electronics

No de pièce MPA206N
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

MPA206N Fiches technique(HTML) 261 Page - Tyco Electronics

Back Button MPA206N Datasheet HTML 257Page - Tyco Electronics MPA206N Datasheet HTML 258Page - Tyco Electronics MPA206N Datasheet HTML 259Page - Tyco Electronics MPA206N Datasheet HTML 260Page - Tyco Electronics MPA206N Datasheet HTML 261Page - Tyco Electronics MPA206N Datasheet HTML 262Page - Tyco Electronics MPA206N Datasheet HTML 263Page - Tyco Electronics MPA206N Datasheet HTML 264Page - Tyco Electronics MPA206N Datasheet HTML 265Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 326 page
background image
K12
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
K
P Series
WHITE INDICATOR
DOT
A
SPUN ALUMINUM
INLAY
NO. 6-32
SET SCREW
B
D
E
F
C
NO. 6-32
SET SCREW
WHITE INDICATOR
DOT
A
B
D
E
F
C
SPUN ALUMINUM INLAY
SPUN ALUMINUM INLAY
NO. 6-32
SET SCREW
A
B
F
D
E
C
Knobs, Molded Phenolic
PK SERIES
Straight Knurl Less Indicator Line
Tyco
Electronics Alcoswitch A
B
C
D
E
F
1437624-2
PH15181/4
.996(25.3)
.972(24.7)
.799(20.3)
.472(12.0)
.669(17.0)
.157(3.99)
Serrated with Dot Indicator on Top
Tyco
Electronics Alcoswitch
A
B
C
D
E
F
1437624-4
PK1100B1/8 .700(17.8)
.643(16.3)
.565(14.35)
.125(3.18)
.453(11.51)
.530(13.5)
Straight Knurl with Dot Indicator on Skirt
Tyco
Electronics Alcoswitch
A
B
C
D
E
F
1437624-7
PK50B1/8
.748(19.0)
.570(14.5)
.500(12.70)
.055(1.40)
.460(11.7)
.550(13.97)
1437624-6
PK50B1/4
.748(19.0)
.570(14.5)
.500(12.70)
.055(1.40)
.460(11.7)
.550(13.97)
1437624-8
PK70B1/4
.984(25.0)
.728(18.5)
.710(18.03)
.079(2.01)
.500(12.7)
.590(14.99)
1437624-9
PK90B1/4
1.25(31.8)
.985(25.0)
.870(22.01)
.098(2.49)
.470(11.9)
.595(15.10)
PK SERIES
PK50B1/8
PK701/4
PK1100B1/4
PH SERIES
PH15181/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More