| Moteur de recherche de fiches techniques de composants électroniques |
|
MPA206N Fiches technique(PDF) 256 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
MPA206N Fiches technique(HTML) 256 Page - Tyco Electronics |
|
256 / 326 page ![]() K7 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 K K Series Knobs, Machined Aluminum Straight Knurl with Top and Side Indicator Tyco Electronics Alcoswitch Color A B C D E F G 9-1437621-7 KLN500A1/8 Natural .500(12.7) 0.445(11.3) .374(9.50) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 9-1437621-6 KLN500A1/4 Natural .500(12.7) 0.445(11.3) .374(9.50) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 9-1437621-9 KLN500B1/8 Black .500(12.7) 0.445(11.3) .374(9.50) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 9-1437621-8 KLN500B1/4 Black .500(12.7) 0.445(11.3) .374(9.50) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 1437622-1 KLN500S1/4 Smoke .500(12.7) 0.445(11.3) .374(9.50) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 1437622-2 KLN700A1/4 Natural .740(18.8) .685(17.4) .591(15.0) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 1437622-3 KLN700B1/4 Black .740(18.8) .685(17.4) .591(15.0) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 1437622-4 KLN700B1/8 Black .740(18.8) .685(17.4) .591(15.0) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 1437622-5 KLN700S1/4 Smoke .740(18.8) .685(17.4) .591(15.0) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 1437622-6 KLN900A1/4 Natural .937(23.8) .882(22.4) 0.709(18.0) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 1437622-7 KLN900B1/4 Black .937(23.8) .882(22.4) 0.709(18.0) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 1437622-8 KLN900S1/4 Smoke .937(23.8) .882(22.4) 0.709(18.0) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 9-1437621-4 KLN1250A1/4 Natural 1.252(31.80) 1.195(30.35) .984(25.0) .281(7.14) .625(15.9) .512(13.0) .527(13.4) 9-1437621-5 KLN1250B1/4 Black 1.252(31.80) 1.195(30.35) .984(25.0) .281(7.14) .625(15.9) .512(13.0) .527(13.4) KFS SERIES Straight Knurl with Indicator on Skirt Tyco Electronics Alcoswitch Color A B C D E F G 8-1437621-6 KFS400B1/8 Black Matte .380(9.65) .382(9.70) .256(6.50) .500(12.7) .098(2.49) .469(11.9) 0.591(15.0) 8-1437621-8 KFS500B1/8 Black Matte .500(12.7) .382(9.70) .252(6.48) .630(16.0) .161(4.09) .469(11.9) .630(16.0) 8-1437621-7 KFS500B1/4 Black Matte .618(15.7) .280(7.11) .382(9.70) 1.00(25.4) .161(4.09) .630(16.0) 0.811(20.6) 8-1437621-9 KFS600B1/4 Black Matte .618(15.7) .280(7.11) .382(9.70) 1.00(25.4) .161(4.09) .630(16.0) 0.811(20.6) KHF SERIES Plain Body with Top and Side Sawcut Indicator Tyco Electronics Alcoswitch Color A B C D E 9-1437621-1 KHF500A1/4 Natural .500(12.7) .374(9.50) .118(3.00) .342(8.69) .563(14.3) 9-1437621-2 KHF700A1/4 Natural .740(18.8) .590(15.0) .118(3.00) .592(15.0) .563(14.3) 9-1437621-3 KHF900A1/4 Natural .937(23.8) .708(18.0) .118(3.00) .779(19.8) .563(14.3) 9-1437621-0 KHF1250A1/4 Natural 1.23(31.8) .984(25.0) .118(3.00) 1.08(27.5) .563(14.3) KLN SERIES KFS400B1/8 90 ° 90 ° INDICATOR LINE D A NO. 6-32 SET SCREW 2 PLACES, EXCEPT KFS400B1/8: NO. 4-40 SET SCREW 2 PLACES B G F E C 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.38) KHF900A1/4 KHF500A1/4 SAWCUT INDICATOR A .050 (1.27) NO. 6-32 SET SCREW 2 PLACES D C E .040 (1.02) .374 (9.40) .390 (9.91) .250 (6.35) B .040 (1.02) 120 ° 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.37) 120 ° 120 ° NO. 6-32 SET SCREW 2 PLACES INDICATOR LINE A B C E G D .157 (3.99) 1/8" SHAFT=.126" (3.20) 1/4" SHAFT=.251" (6.38) F KLN500A1/4 KHF500, 700, 900 1 set screw * * |