Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCIF0 Fiches technique(PDF) 235 Page - ATMEL Corporation

No de pièce PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Fiches technique(HTML) 235 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 231Page - ATMEL Corporation PCIF0 Datasheet HTML 232Page - ATMEL Corporation PCIF0 Datasheet HTML 233Page - ATMEL Corporation PCIF0 Datasheet HTML 234Page - ATMEL Corporation PCIF0 Datasheet HTML 235Page - ATMEL Corporation PCIF0 Datasheet HTML 236Page - ATMEL Corporation PCIF0 Datasheet HTML 237Page - ATMEL Corporation PCIF0 Datasheet HTML 238Page - ATMEL Corporation PCIF0 Datasheet HTML 239Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 294 page
background image
235
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
ld
r1, Y+
cpse
r0, r1
rjmp
Error
sbiw
loophi:looplo, 1
; use subi for PAGESIZEB<=256
brne
Rdloop
; To ensure compatibility with devices supporting Read-While-Write
; Return to RWW section
; Verify that RWW section is safe to read
Return:
in
temp1, SPMCSR
sbrs
temp1, RWWSB
; If RWWSB is set, the RWW section is not ready
yet
ret
; Clear temporary page buffer
ldi
spmcsrval, (1<<CPTB) | (1<<SELFPGEN)
call
Do_spm
rjmp
Return
Do_spm:
; Check for previous SPM complete
Wait_spm:
in
temp1, SPMCSR
sbrc
temp1, SELFPGEN
rjmp
Wait_spm
; Input: spmcsrval determines SPM action
; Disable interrupts if enabled, store status
in
temp2, SREG
cli
; Check that no EEPROM write access is present
Wait_ee:
sbic
EECR, EEPE
rjmp
Wait_ee
; SPM timed sequence
out
SPMCSR, spmcsrval
spm
; Restore SREG (to enable interrupts if originally enabled)
out
SREG, temp2
ret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More