| Moteur de recherche de fiches techniques de composants électroniques |
|
PCIF0 Fiches technique(PDF) 169 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PCIF0 Fiches technique(HTML) 169 Page - ATMEL Corporation |
|
169 / 294 page ![]() 169 9219A–RFID–01/11 Atmel ATA5505 [Preliminary] 15.4.3 LIN/UART Controller Structure Figure 15-4. LIN/UART Controller Block Diagram 15.4.4 LIN/UART Command Overview Figure 15-5. LIN/UART Command Dependencies BUFFER FSM RX Get Byte Frame Time-out Synchronization Monitoring RxD TX Put Byte Finite State Machine TxD BAUD_RATE Prescaler Sample /bit CLK IO Data FIFO IDOK RXOK Recommended Way TXOK Tx Header Rx Header or LIN Abort Byte Transfer Rx Byte Tx Byte LIN UART Full Duplex DISABLE Automatic Return Possible Way Response Tx Response Rx |