Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCIF0 Fiches technique(PDF) 143 Page - ATMEL Corporation

No de pièce PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Fiches technique(HTML) 143 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 139Page - ATMEL Corporation PCIF0 Datasheet HTML 140Page - ATMEL Corporation PCIF0 Datasheet HTML 141Page - ATMEL Corporation PCIF0 Datasheet HTML 142Page - ATMEL Corporation PCIF0 Datasheet HTML 143Page - ATMEL Corporation PCIF0 Datasheet HTML 144Page - ATMEL Corporation PCIF0 Datasheet HTML 145Page - ATMEL Corporation PCIF0 Datasheet HTML 146Page - ATMEL Corporation PCIF0 Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 294 page
background image
143
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
13. SPI - Serial Peripheral Interface
The Serial Peripheral Interface (SPI) allows high-speed synchronous data transfer between
the Atmel
® AVR® and peripheral devices or between several Atmel AVR devices. The Atmel
AVR SPI includes the following features:
13.1
Features
• Full-duplex, Three-wire Synchronous Data Transfer
• Master or Slave Operation
• LSB First or MSB First Data Transfer
• Seven Programmable Bit Rates
• End of Transmission Interrupt Flag
• Write Collision Flag Protection
• Wake-up from Idle Mode
• Double Speed (CK/2) Master SPI Mode
Figure 13-1. SPI Block Diagram(1)
Note:
1. Refer to Figure 1-5 on page 6, and Table 9-3 on page 79 for SPI pin placement.
DIVIDER
/2/4/8/16/32/64/128
clk
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More