Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

03CFS1 Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 03CFS1
Description  Switch with IEC Connector Compact Size
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

03CFS1 Fiches technique(HTML) 2 Page - Tyco Electronics

  03CFS1 Datasheet HTML 1Page - Tyco Electronics 03CFS1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Dimensions
AB
C
D
E
F
± .006
± .006
± .006
Part No.
(max)
(max)
(max)
± .152
± .152
± .152
CS, CBS
1.23
.97
1.62
1.06
1.54
—
31.24
24.64
41.17
26.92
39.12
CE, CBE
1.74
.97
1.62
1.06
1.54
1.417
44.2
24.64
41.17
26.92
39.12
36.0
CFS, CHS 1.23
2.53
1.62
1.12
1.54
—
31.24
64.26
41.17
28.5
39.12
CFE, CHE 1.74
2.53
1.62
1.12
1.54
1.417
44.2
64.26
41.17
28.5
39.12
36.0
Switch with IEC Connector Compact Size (Continued)
111
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
C Series
CORCOM Product Guide
A
C
B
.211
5.36
Max.
CS, CBS*
CFS, CHS
CE, CBE*
CFE, CHE
CBS, CBE Pre-Connected Terminals
C
B
.211
5.36
Max.
A
A
C
B
.211
5.36
Max.
F
A
C
B
.211
5.36
Max.
F
1.04
26.4
Max
CBS Rear View
CBE Rear View
CBS, CBE Side View
Part Numbers
01CFS1
01CFE1
01CHS1
01CHE1
03CFS1
03CFE1
03CHS1
03CHE1
06CFS1
06CFE1
06CHS1
06CHE1
10CFS1
10CFE1
10CHS1
10CHE1
10CS1
10CE1
10CBS1
10CBE1
Recommended Panel Cutout
E
F
D
R max
.06
1.52
Panel Cutout for thickness of .031-
.098 [.8-2.5]. Not recommended for
plastic panels. For snap-in applica-
tions, the D sides of the cutout must
have a .02 [.508] radius on the instal-
lation side. Snap-in models allow
front mounting only.
Typical Dimensions:
Mounting Holes: .13 [3.3] Dia. (2) with .23 Dia. x 90˚ Counter sunk
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.
Case Styles



Html Pages

1 2