Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C2.5X6.3MM-RAD Fiches technique(PDF) 32 Page - Silicon Laboratories

No de pièce C2.5X6.3MM-RAD
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C2.5X6.3MM-RAD Fiches technique(HTML) 32 Page - Silicon Laboratories

Back Button C2.5X6.3MM-RAD Datasheet HTML 28Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 29Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 30Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 31Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 32Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 33Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 34Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 35Page - Silicon Laboratories C2.5X6.3MM-RAD Datasheet HTML 36Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Si3226/7
Si3208/9
32
Preliminary Rev. 0.33
35
NC
No Connect.
36
AGND
I
Analog Ground.
37
IC
Internal connection; leave to float.
38
IC
Internal connection; leave to float.
39
VBAT_1
I
Operating Battery Voltage Channel 1 Input.
40
IC
Internal connection; leave to float.
epad
Exposed Die Attach Paddle.
For adequate thermal management, the exposed die paddle
should be soldered to a printed circuit board pad that is connected
to an electrically-isolated low-impedance inner layer and/or back-
side thermal plane(s) using multiple thermal vias. Do not connect
this pad to ground.
Table 18. Si3208/9 Pin Descriptions (Continued)
QFN Pin #
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38