Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPC2 Fiches technique(PDF) 23 Page - Altera Corporation

No de pièce EPC2
Description  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTERA [Altera Corporation]
Site Internet  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2 Fiches technique(HTML) 23 Page - Altera Corporation

Back Button EPC2 Datasheet HTML 18Page - Altera Corporation EPC2 Datasheet HTML 19Page - Altera Corporation EPC2 Datasheet HTML 20Page - Altera Corporation EPC2 Datasheet HTML 21Page - Altera Corporation EPC2 Datasheet HTML 22Page - Altera Corporation EPC2 Datasheet HTML 23Page - Altera Corporation EPC2 Datasheet HTML 24Page - Altera Corporation EPC2 Datasheet HTML 25Page - Altera Corporation EPC2 Datasheet HTML 26Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Pin Information
Page 23
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
TCK
N/A
3
32
Input
JTAG clock pin. Connect this pin to GND if the JTAG
circuitry is not used.
This pin is only available in EPC2 devices.
VCCSEL
N/A
5
3
Input
Mode select for VCC supply. VCCSEL must be connected to
GND if the device uses a 5.0-V power supply (VCC = 5.0 V).
VCCSEL
must be connected to VCC if the device uses a
3.3-V power supply (VCC = 3.3 V).
This pin is only available in EPC2 devices.
VPPSEL
N/A
14
17
Input
Mode select for V
PP. supply. VPPSEL must be connected to
GND if VPP uses a 5.0-V power supply (VPP = 5.0 V).
VPPSEL
must be connected to VCC if VPP uses a 3.3-V
power supply (VPP = 3.3 V).
This pin is only available in EPC2 devices.
VPP
N/A
18
23
Power
Programming power pin. For the EPC2 device, this pin is
normally tied to VCC. If the VCC of the EPC2 device is 3.3 V,
tie VPP to 5.0 V to improve ISP time. For EPC1 and
EPC1441 devices, VPP must be tied to VCC.
This pin is only available in EPC2 devices.
VCC
7, 8
20
27
Power
Power pin.
GND
5
10
12
Ground
Ground pin. Place a 0.2-µF decoupling capacitor between
the VCC and GND pins.
Notes to Table 20:
(1) This package is available for EPC1 and EPC1441 devices only.
(2) This package is available for EPC2 and EPC1441 devices only.
Table 20. EPC1, EPC2, and EPC1441 Device Pin Functions During Configuration (Part 3 of 3)
Pin Name
Pin Number
Pin Type
Description
8-Pin
PDIP (1)
20-Pin
PLCC
32-Pin
TQFP (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com