Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP42010E/SL Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce MCP42010E/SL
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP42010E/SL Fiches technique(HTML) 20 Page - Microchip Technology

Back Button MCP42010E/SL Datasheet HTML 16Page - Microchip Technology MCP42010E/SL Datasheet HTML 17Page - Microchip Technology MCP42010E/SL Datasheet HTML 18Page - Microchip Technology MCP42010E/SL Datasheet HTML 19Page - Microchip Technology MCP42010E/SL Datasheet HTML 20Page - Microchip Technology MCP42010E/SL Datasheet HTML 21Page - Microchip Technology MCP42010E/SL Datasheet HTML 22Page - Microchip Technology MCP42010E/SL Datasheet HTML 23Page - Microchip Technology MCP42010E/SL Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MCP41XXX/42XXX
DS11195C-page 20
 2003 Microchip Technology Inc.
FIGURE 5-4:
Daisy-Chain Configuration.
Microcontroller
SO
CS
SCK
SI
SO
CS
SCK
SI
CS
SCK
SI
CS
SCK
SO
Device 1
Device 2
Device 3*
If you want to load the following
command/data into each part
in the chain.
Device 1
XX10XX11
Device 2
XX01XX10
Device 3
XX10XX00
EXAMPLE:
Start by setting CS low and
clocking in the command and
data that will end up in Device
3 (16 clocks).
After 16 clocks, Device 2 and
Device 3 will both have all
zeros clocked in from the
previous part’s shift register.
Clock-In the command and
data for Device 2 (16 more
clocks). The data that was pre-
viously loaded gets shifted to
the next device on the chain.
After 32 clocks, Device 2 has
the data previously loaded
into Device 1 and Device 3
gets 16 more zeros.
Clock-In the data for Device 1
(16 more clocks). The data that
was previously loaded into
Device 1 gets shifted into
Device 2 and Device 3 contains
the first byte loaded. Raise the
CS line to execute the com-
mands for all 3 devices at the
same time.
After 48 clocks, all 3 devices
have the proper command/
data loaded into their shift
registers.
* Last device on a daisy-chain may be a single channel MCP41XXX device.
11001100
11110000
10101010
Device 1
XX10XX00
Device 2
00000000
Device 3
00000000
10101010
00000000
00000000
Device 1
XX01XX10
Device 2
XX10XX00
Device 3
00000000
11110000
10101010
00000000
Device 1
XX10XX11
Device 2
XX01XX10
Device 3
XX10XX00
11001100
11110000
10101010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32