Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F1220TE/SOSQTP Fiches technique(PDF) 51 Page - Microchip Technology

No de pièce PIC18F1220TE/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SOSQTP Fiches technique(HTML) 51 Page - Microchip Technology

Back Button PIC18F1220TE/SOSQTP Datasheet HTML 47Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 48Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 49Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 50Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 51Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 52Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F1220TE/SOSQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 49
PIC18F1220/1320
5.9.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral modules for controlling
the desired operation of the device. These registers are
implemented as static RAM. A list of these registers is
given in Table 5-1 and Table 5-2.
The SFRs can be classified into two sets: those asso-
ciated with the “core” function and those related to the
peripheral functions. Those registers related to the
“core” are described in this section, while those related
to the operation of the peripheral features are
described in the section of that peripheral feature.
The SFRs are typically distributed among the peripherals
whose functions they control.
The unused SFR locations will be unimplemented and
read as ‘0’s.
TABLE 5-1:
SPECIAL FUNCTION REGISTER MAP FOR PIC18F1220/1320 DEVICES
Address
Name
Address
Name
Address
Name
Address
Name
FFFh
TOSU
FDFh
INDF2(2)
FBFh
CCPR1H
F9Fh
IPR1
FFEh
TOSH
FDEh
POSTINC2(2)
FBEh
CCPR1L
F9Eh
PIR1
FFDh
TOSL
FDDh POSTDEC2(2)
FBDh
CCP1CON
F9Dh
PIE1
FFCh
STKPTR
FDCh
PREINC2(2)
FBCh
—
F9Ch
—
FFBh
PCLATU
FDBh
PLUSW2(2)
FBBh
—
F9Bh
OSCTUNE
FFAh
PCLATH
FDAh
FSR2H
FBAh
—
F9Ah
—
FF9h
PCL
FD9h
FSR2L
FB9h
—
F99h
—
FF8h
TBLPTRU
FD8h
STATUS
FB8h
—
F98h
—
FF7h
TBLPTRH
FD7h
TMR0H
FB7h
PWM1CON
F97h
—
FF6h
TBLPTRL
FD6h
TMR0L
FB6h
ECCPAS
F96h
—
FF5h
TABLAT
FD5h
T0CON
FB5h
—
F95h
—
FF4h
PRODH
FD4h
—
FB4h
—
F94h
—
FF3h
PRODL
FD3h
OSCCON
FB3h
TMR3H
F93h
TRISB
FF2h
INTCON
FD2h
LVDCON
FB2h
TMR3L
F92h
TRISA
FF1h
INTCON2
FD1h
WDTCON
FB1h
T3CON
F91h
—
FF0h
INTCON3
FD0h
RCON
FB0h
SPBRGH
F90h
—
FEFh
INDF0(2)
FCFh
TMR1H
FAFh
SPBRG
F8Fh
—
FEEh
POSTINC0(2)
FCEh
TMR1L
FAEh
RCREG
F8Eh
—
FEDh POSTDEC0(2)
FCDh
T1CON
FADh
TXREG
F8Dh
—
FECh
PREINC0(2)
FCCh
TMR2
FACh
TXSTA
F8Ch
—
FEBh
PLUSW0(2)
FCBh
PR2
FABh
RCSTA
F8Bh
—
FEAh
FSR0H
FCAh
T2CON
FAAh
BAUDCTL
F8Ah
LATB
FE9h
FSR0L
FC9h
—
FA9h
EEADR
F89h
LATA
FE8h
WREG
FC8h
—
FA8h
EEDATA
F88h
—
FE7h
INDF1(2)
FC7h
—
FA7h
EECON2
F87h
—
FE6h
POSTINC1(2)
FC6h
—
FA6h
EECON1
F86h
—
FE5h POSTDEC1(2)
FC5h
—
FA5h
—
F85h
—
FE4h
PREINC1(2)
FC4h
ADRESH
FA4h
—
F84h
—
FE3h
PLUSW1(2)
FC3h
ADRESL
FA3h
—
F83h
—
FE2h
FSR1H
FC2h
ADCON0
FA2h
IPR2
F82h
—
FE1h
FSR1L
FC1h
ADCON1
FA1h
PIR2
F81h
PORTB
FE0h
BSR
FC0h
ADCON2
FA0h
PIE2
F80h
PORTA
Note 1:
Unimplemented registers are read as ‘0’.
2:
This is not a physical register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More