| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12F509E/ST Fiches technique(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F509E/ST Fiches technique(HTML) 38 Page - Microchip Technology |
|
38 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 38 © 2009 Microchip Technology Inc. 6.2 Prescaler An 8-bit counter is available as a prescaler for the Timer0 module or as a postscaler for the Watchdog Timer (WDT), respectively (see Section 7.6 “Watch- dog Timer (WDT)”). For simplicity, this counter is being referred to as “prescaler” throughout this data sheet. The PSA and PS<2:0> bits (OPTION<3:0>) determine prescaler assignment and prescale ratio. When assigned to the Timer0 module, all instructions writing to the TMR0 register (e.g., CLRF 1, MOVWF 1, BSF 1 , x, etc.) will clear the prescaler. When assigned to WDT, a CLRWDT instruction will clear the prescaler along with the WDT. The prescaler is neither readable nor writable. On a Reset, the prescaler contains all ‘0’s. 6.2.1 SWITCHING PRESCALER ASSIGNMENT The prescaler assignment is fully under software control (i.e., it can be changed “on-the-fly” during program execution). To avoid an unintended device Reset, the following instruction sequence (Example 6-1) must be executed when changing the prescaler assignment from Timer0 to the WDT. EXAMPLE 6-1: CHANGING PRESCALER (TIMER0 → WDT) To change the prescaler from the WDT to the Timer0 module, use the sequence shown in Example 6-2. This sequence must be used even if the WDT is disabled. A CLRWDT instruction should be executed before switching the prescaler. EXAMPLE 6-2: CHANGING PRESCALER (WDT → TIMER0) Note: The prescaler may be used by either the Timer0 module or the WDT, but not both. Thus, a prescaler assignment for the Timer0 module means that there is no prescaler for the WDT and vice versa. CLRWDT ;Clear WDT CLRF TMR0 ;Clear TMR0 & Prescaler MOVLW ‘00xx1111’b ;These 3 lines (5, 6, 7) OPTION ;are required only if ;desired CLRWDT ;PS<2:0> are 000 or 001 MOVLW ‘00xx1xxx’b ;Set Postscaler to OPTION ;desired WDT rate CLRWDT ;Clear WDT and ;prescaler MOVLW ‘xxxx0xxx’ ;Select TMR0, new ;prescale value and ;clock source OPTION |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |