| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC12F508E/MS Fiches technique(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508E/MS Fiches technique(HTML) 26 Page - Microchip Technology |
|
26 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 26 © 2009 Microchip Technology Inc. 4.6 OSCCAL Register The Oscillator Calibration (OSCCAL) register is used to calibrate the internal precision 4 MHz oscillator. It contains seven bits for calibration . After you move in the calibration constant, do not change the value. See Section 7.2.5 “Internal 4 MHz RC Oscillator”. Note: Erasing the device will also erase the pre- programmed internal calibration value for the internal oscillator. The calibration value must be read prior to erasing the part so it can be reprogrammed correctly later. REGISTER 4-5: OSCCAL REGISTER (ADDRESS: 05h) R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-0 CAL6 CAL5 CAL4 CAL3 CAL2 CAL1 CAL0 — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-1 CAL<6:0>: Oscillator Calibration bits 0111111 = Maximum frequency • • • 0000001 0000000 = Center frequency 1111111 • • • 1000000 = Minimum frequency bit 0 Unimplemented: Read as ‘0’ |