Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP4341503E/ML Fiches technique(PDF) 67 Page - Microchip Technology

No de pièce MCP4341503E/ML
Description  7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4341503E/ML Fiches technique(HTML) 67 Page - Microchip Technology

Back Button MCP4341503E/ML Datasheet HTML 63Page - Microchip Technology MCP4341503E/ML Datasheet HTML 64Page - Microchip Technology MCP4341503E/ML Datasheet HTML 65Page - Microchip Technology MCP4341503E/ML Datasheet HTML 66Page - Microchip Technology MCP4341503E/ML Datasheet HTML 67Page - Microchip Technology MCP4341503E/ML Datasheet HTML 68Page - Microchip Technology MCP4341503E/ML Datasheet HTML 69Page - Microchip Technology MCP4341503E/ML Datasheet HTML 70Page - Microchip Technology MCP4341503E/ML Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
© 2009 Microchip Technology Inc.
DS22233A-page 67
MCP434X/436X
10.0
PACKAGING INFORMATION
10.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
14-Lead TSSOP
XXXXXXXX
YYWW
NNN
Example
4362502E
0940
256
XXXXX
20-Lead QFN (4x4)
XXXXXX
YYWWNNN
Example
XXXXXX
4361
502EML
256
^^
3
e
20-Lead TSSOP
XXXXXXXX
XXXXX NNN
Example
0940
YYWW
MCP4361
EST
256
0940
^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80