Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65821 Fiches technique(PDF) 2 Page - EPCOS

No de pièce B65821
Description  Ferrites and accessories
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65821 Fiches technique(HTML) 2 Page - EPCOS

  B65821 Datasheet HTML 1Page - EPCOS B65821 Datasheet HTML 2Page - EPCOS B65821 Datasheet HTML 3Page - EPCOS B65821 Datasheet HTML 4Page - EPCOS B65821 Datasheet HTML 5Page - EPCOS B65821 Datasheet HTML 6Page - EPCOS B65821 Datasheet HTML 7Page - EPCOS B65821 Datasheet HTML 8Page - EPCOS B65821 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Example of an assembly set
Individual parts
Part no.
Page
Adjusting screw
B65659
11
Core
B65807
3
Clamps
B65808
9
Insulating washer 1
B65808
9
Coil former
B65808
5, 6
Core
B65807
3
Threaded sleeve (glued-in)
Insulating washer 2
B65808
9
Also available:
Coil former for SMPS transf.
B65808
7
Coil former for
power applications
B65808
8
SMD coil former
B65821
10
Clamp
B65808
10
RM 6 low profile:
Core
B65807P
12
Core and accessories
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17