| Moteur de recherche de fiches techniques de composants électroniques |
|
24AA256E/MS Fiches technique(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24AA256E/MS Fiches technique(HTML) 1 Page - Microchip Technology |
|
1 / 34 page ![]() 2010 Microchip Technology Inc. DS21203Q-page 1 24AA256/24LC256/24FC256 Device Selection Table Features: • Single Supply with Operation Down to 1.7V for 24AA256 and 24FC256 Devices, 2.5V for 24LC256 Devices • Low-Power CMOS Technology: - Active current 400 uA, typical - Standby current 100 nA, typical • 2-Wire Serial Interface, I2C™ Compatible • Cascadable up to Eight Devices • Schmitt Trigger Inputs for Noise Suppression • Output Slope Control to Eliminate Ground Bounce • 100 kHz and 400 kHz Clock Compatibility • Page Write Time 5 ms max. • Self-Timed Erase/Write Cycle • 64-Byte Page Write Buffer • Hardware Write-Protect • ESD Protection >4000V • More than 1 Million Erase/Write Cycles • Data Retention >200 years • Factory Programming Available • Packages Include 8-lead PDIP, SOIC, DFN, TSSOP and MSOP • Pb-Free and RoHS Compliant • Temperature Ranges: Description: The Microchip Technology Inc. 24AA256/24LC256/ 24FC256 (24XX256*) is a 32K x 8 (256 Kbit) Serial Electrically Erasable PROM, capable of operation across a broad voltage range (1.7V to 5.5V). It has been developed for advanced, low-power applications such as personal communications or data acquisition. This device also has a page write capability of up to 64 bytes of data. This device is capable of both random and sequential reads up to the 256K boundary. Functional address lines allow up to eight devices on the same bus, for up to 2 Mbit address space. This device is available in the standard 8-pin plastic DIP, SOIC, TSSOP, MSOP and DFN packages. Block Diagram Package Types *24XX256 is used in this document as a generic part number for the 24AA256/24LC256/24FC256 devices. Part Number VCC Range Max. Clock Frequency Temp. Ranges 24AA256 1.7-5.5V 400 kHz(1) I 24LC256 2.5-5.5V 400 kHz I, E 24FC256 1.7-5.5V 1 MHz(2) I Note 1: 100 kHz for VCC < 2.5V. 2: 400 kHz for VCC < 2.5V. - Industrial (I): -40 C to +85C - Automotive (E): -40 C to +125C HV Generator EEPROM Array Page Latches YDEC XDEC Sense Amp. R/W Control Memory Control Logic I/O Control Logic I/O A0 A1A2 SDA SCL VCC VSS WP A0 A1 A2 VSS VCC WP SCL SDA 1 2 3 4 8 7 6 5 PDIP/SOIC TSSOP/MSOP* A0 A1 A2 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA DFN A0 A1 A2 VSS WP SCL SDA 5 6 7 8 4 3 2 1 VCC Note: * Pins A0 and A1 are no connects for the MSOP package only. 256K I2C™ CMOS Serial EEPROM |
Numéro de pièce similaire - 24AA256E/MS |
|
Description similaire - 24AA256E/MS |