Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65803 Fiches technique(PDF) 13 Page - EPCOS

No de pièce B65803
Description  Ferrites and accessories
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65803 Fiches technique(HTML) 13 Page - EPCOS

Back Button B65803 Datasheet HTML 6Page - EPCOS B65803 Datasheet HTML 7Page - EPCOS B65803 Datasheet HTML 8Page - EPCOS B65803 Datasheet HTML 9Page - EPCOS B65803 Datasheet HTML 10Page - EPCOS B65803 Datasheet HTML 11Page - EPCOS B65803 Datasheet HTML 12Page - EPCOS B65803 Datasheet HTML 13Page - EPCOS B65803 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
06/13
All dimensions are given in mm.
Surface-mount device
Symbol
Meaning
Unit
F
e
r
B
i
s
0
a
app
e
i
p'
p"
r
rev
s'
s"
tot
l/A
Cu
Temperature coefficient (TK)
Relative temperature coefficient of material
Temperature coefficient of effective permeability
Relative permittivity
Magnetic flux
Efficiency of a transformer
Hysteresis material constant
Hysteresis core constant
Magnetostriction at saturation magnetization
Relative complex permeability
Magnetic field constant
Relative amplitude permeability
Relative apparent permeability
Relative effective permeability
Relative initial permeability
Relative real (inductive) component of
(for parallel components)
Relative imaginary (loss) component of
 (for parallel components)
Relative permeability
Relative reversible permeability
Relative real (inductive) component of
(for series components)
Relative imaginary (loss) component of
 (for series components)
Relative total permeability
derived from the static magnetization curve
Resistivity
Magnetic form factor
DC time constant
Cu = L/RCu = AL/AR
Angular frequency;
= 2 f
1/K
1/K
1/K
Vs
mT-1
A–1H–1/2
Vs/Am
m–1
mm–1
s
s–1
Symbols and terms
Ferrites and accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14