| Moteur de recherche de fiches techniques de composants électroniques |
|
CS3101E18-3SW Fiches technique(PDF) 60 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101E18-3SW Fiches technique(HTML) 60 Page - Amphenol Corporation |
|
60 / 73 page ![]() 59 10-113276-XXX* For Open Wire Waterproofing Similar to the 10-37090 shell in con- struction, but substitutes jam nut mounting. The 10-74900 grommet seats against the undercut for mois- ture-proofing between the clamp assembly and the shell. 10-37090-XXX* For Open Wire Waterproofing A feed-thru shell with an undercut for retention of the grommet in the 10- 74900 series clamp. The undercut is notched to prevent grommet slippage. Mounts to panel with four mounting bolts. Shell Size Order Number A Thread B +.010 –.000 C ±.005 D ±.010 E ±.010 F ±.010 10 10-113276-10X .5000-28UNEF-2A .203 1.000 .875 1.031 .309 12 10-113276-12X .6250-24NEF-2A .328 1.000 1.000 1.156 .354 14 10-113276-14X .7500-20UNEF-2A .453 1.000 1.125 1.312 .397 16 10-113276-16X .8750-20UNEF-2A .578 1.062 1.250 1.438 .442 18 10-113276-18X 1.0000-20UNEF-2A .676 1.062 1.375 1.562 .486 20 10-113276-20X 1.1875-18NEF-2A .801 1.062 1.688 1.875 .596 22 10-113276-22X 1.1875-18NEF-2A .906 1.062 1.688 1.875 .596 24 10-113276-24X 1.4375-18NEF-2A 1.016 1.062 1.938 2.188 .685 28 10-113276-28X 1.4375-18NEF-2A 1.130 1.062 1.938 2.188 .685 32 10-113276-32X 1.7500-18NS-2A 1.438 1.062 2.250 2.625 .795 36 10-113276-36X 2.0000-18NS-2A 1.678 1.281 2.500 2.875 .884 40 10-113276-40X 2.2500-16UN-2A 1.914 1.344 2.750 3.125 .972 * To complete order number add shell size and suffix number from finish chart below. For example, shell size 12 with an olive drab chromate finish would be 10-113276-123 or 10- 37090-123. Shell Size Order Number A Thread B +.010 –.000 C ±.010 D ±.010 E ±.005 F +.004 –.002 10 10-37090-10X .5000-28UNEF-2A .203 .820 .875 .594 .120 12 10-37090-12X .6250-24NEF-2A .328 .820 1.000 .719 .120 14 10-37090-14X .7500-20UNEF-2A .453 .820 1.094 .812 .120 16 10-37090-16X .8750-20UNEF-2A .578 .820 1.188 .906 .120 18 10-37090-18X 1.0000-20UNEF-2A .676 .820 1.281 .969 .120 20 10-37090-20X 1.1875-18NEF-2A .801 .850 1.438 1.125 .120 22 10-37090-22X 1.1875-18NEF-2A .906 .850 1.438 1.125 .120 24 10-37090-24X 1.4375-18NEF-2A 1.016 .875 1.688 1.312 .147 28 10-37090-28X 1.4375-18NEF-2A 1.130 .875 1.688 1.312 .147 32 10-37090-32X 1.7500-18NS-2A 1.438 .875 2.000 1.562 .147 36 10-37090-36X 2.0000-18NS-2A 1.678 1.133 2.250 1.750 .173 40 10-37090-40X 2.2500-16UN-2A 1.914 1.133 2.500 1.938 .173 Finish 10-No. Suffix Chromate treat -XX1 Olive drab chromate -XX3 MS/Standard Accessories thru-bulkhead shells F F D D E DIA B A THD C B A THD C E D D E F DIA |