Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3100C18-3SW Fiches technique(PDF) 61 Page - Amphenol Corporation

No de pièce CS3100C18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOL [Amphenol Corporation]
Site Internet  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3SW Fiches technique(HTML) 61 Page - Amphenol Corporation

Back Button CS3100C18-3SW Datasheet HTML 57Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 58Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 59Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 60Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 61Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 62Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 63Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 64Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 65Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
60
10-113275-XXX*
For Multi-Conductor Cable
One panel hole will provide mounting
surface for this shell. Tightening the
mounting nut locks the assembly in
place and allows room for attachment
of the 10-305200 clamp.
10-37093-XXX*
For Multi-Conductor Cable
Designed
to
accommodate
cable
entrance through panel wall or bulk-
head and provide attachment for 10-
305200 cable clamp. Mounts to panel
or wall with four mounting bolts.
Shell
Size
Order
Number
A
Thread
B
±.010
C
±.005
D
±.010
E
±.010
F
±.010
10
10-113275-10X
.5000-28UNEF-2A
.276
.891
.875
1.031
.309
12
10-113275-12X
.6250-24NEF-2A
.396
.891
1.000
1.156
.354
14
10-113275-14X
.7500-20UNEF-2A
.512
.891
1.125
1.312
.397
16
10-113275-16X
.8750-20UNEF-2A
.636
.959
1.250
1.438
.442
18
10-113275-18X
1.0000-20UNEF-2A
.762
.969
1.375
1.562
.486
20-22
10-113275-20X
1.1875-18NEF-2A
.918
.969
1.688
1.875
.596
24-28
10-113275-24X
1.4375-18NEF-2A
1.167
.969
1.938
2.188
.685
32
10-113275-32X
1.7500-18NS-2A
1.480
1.016
2.250
2.625
.795
36
10-113275-36X
2.0000-18NS-2A
1.730
1.078
2.500
2.875
.884
40
10-113275-40X
2.2500-16UN-2A
1.972
1.141
2.750
3.125
.972
* To complete order number add shell size and suffix number from finish chart below. For
example, shell size 12 with an olive drab chromate finish would be 10-113275-123 or 10-
37093-123.
Shell
Size
Order
Number
A
Thread
B
±.010
C
±.010
D
±.010
E
±.005
F
+.004
–.002
10
10-37093-10X
.5000-28UNEF-2A
.276
.710
.875
.594
.120
12
10-37093-12X
.6250-24NEF-2A
.396
.710
1.000
.719
.120
14
10-37093-14X
.7500-20UNEF-2A
.512
.710
1.094
.812
.120
16
10-37093-16X
.8750-20UNEF-2A
.636
.710
1.188
.906
.120
18
10-37093-18X
1.0000-20UNEF-2A
.762
.710
1.281
.969
.120
20-22
10-37093-20X
1.1875-18NEF-2A
.918
.741
1.438
1.125
.120
24-28
10-37093-24X
1.4375-18NEF-2A
1.167
.766
1.688
1.312
.147
32
10-37093-32X
1.7500-18NS-2A
1.480
.856
2.000
1.562
.147
36
10-37093-36X
2.0000-18NS-2A
1.730
.931
2.250
1.750
.173
40
10-37093-40X
2.2500-16UN-2A
1.972
.931
2.500
1.938
.173
Finish
10-No. Suffix
Chromate treat
-XX1
Olive drab chromate
-XX3
MS/Standard Accessories
thru-bulkhead shells
F
F
D
D
E DIA
B
A THD
C
B
A THD
C
E
D
D
E
F DIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73