| Moteur de recherche de fiches techniques de composants électroniques |
|
C2012 Fiches technique(PDF) 49 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
C2012 Fiches technique(HTML) 49 Page - TDK Electronics |
|
49 / 55 page ![]() •Allspecificationsaresubjecttochangewithoutnotice. Capacitance Range Table Class 2 (Temperature Stable) Temperature Characteristics: X6S (-55 to +105ºC, ±22%) Capacitance Size Thickness (mm) Capacitance Tolerance TDK Part Number Rated Voltage Edc: 10V Rated Voltage Edc: 6.3V Rated Voltage Edc: 4V 470 pF 0402 0.20 ± 0.02 ± 10% C0402X6S1A471K020BC C0402X6S0J471K020BC C0402X6S0G471K020BC ± 20% C0402X6S1A471M020BC C0402X6S0J471M020BC C0402X6S0G471M020BC 680 pF 0402 0.20 ± 0.02 ± 10% C0402X6S1A681K020BC C0402X6S0J681K020BC C0402X6S0G681K020BC ± 20% C0402X6S1A681M020BC C0402X6S0J681M020BC C0402X6S0G681M020BC 2.2 nF 0603 0.30 ± 0.03 ± 10% C0603X6S1A222K030BA C0603X6S0J222K030BA ± 20% C0603X6S1A222M030BA C0603X6S0J222M030BA 4.7 nF 0603 0.30 ± 0.03 ± 10% C0603X6S1A472K030BA C0603X6S0J472K030BA ± 20% C0603X6S1A472M030BA C0603X6S0J472M030BA 10 nF 0603 0.30 ± 0.03 ± 10% C0603X6S1A103K030BA C0603X6S0J103K030BA ± 20% C0603X6S1A103M030BA C0603X6S0J103M030BA 22 nF 0603 0.30 ± 0.03 ± 10% C0603X6S1A223K030BB C0603X6S0G223K030BC ± 20% C0603X6S1A223M030BB C0603X6S0G223M030BC 47 nF 0603 0.30 ± 0.03 ± 10% C0603X6S1A473K030BB C0603X6S0G473K030BC ± 20% C0603X6S1A473M030BB C0603X6S0G473M030BC 68 nF 0603 0.30 ± 0.03 ± 10% C0603X6S0G683K030BC ± 20% C0603X6S0G683M030BC 100 nF 0603 0.30 ± 0.03 ± 10% C0603X6S0J104K030BC C0603X6S0G104K030BC ± 20% C0603X6S0J104M030BC C0603X6S0G104M030BC 1005 0.50 ± 0.05 ± 10% C1005X6S0J104K050BA C1005X6S0G104K050BA ± 20% C1005X6S0J104M050BA C1005X6S0G104M050BA 150 nF 0603 0.30 ± 0.03 ± 10% C0603X6S1A154K030BC C0603X6S0J154K030BC C0603X6S0G154K030BB ± 20% C0603X6S1A154M030BC C0603X6S0J154M030BC C0603X6S0G154M030BB 1005 0.50 ± 0.05 ± 10% C1005X6S0J154K050BC C1005X6S0G154K050BB ± 20% C1005X6S0J154M050BC C1005X6S0G154M050BB 220 nF 0603 0.30 ± 0.03 ± 10% C0603X6S1A224K030BC C0603X6S0J224K030BC C0603X6S0G224K030BB ± 20% C0603X6S1A224M030BC C0603X6S0J224M030BC C0603X6S0G224M030BB 1005 0.50 ± 0.05 ± 10% C1005X6S0J224K050BC C1005X6S0G224K050BB ± 20% C1005X6S0J224M050BC C1005X6S0G224M050BB 330 nF 0603 0.30 ± 0.03 ± 10% C0603X6S0G334K030BC ± 20% C0603X6S0G334M030BC 1005 0.50 ± 0.05 ± 10% C1005X6S1A334K050BC C1005X6S0J334K050BC C1005X6S0G334K050BB ± 20% C1005X6S1A334M050BC C1005X6S0J334M050BC C1005X6S0G334M050BB 470 nF 0603 0.30 ± 0.03 ± 20% C0603X6S0G474M030BC 1005 0.50 ± 0.05 ± 10% C1005X6S1A474K050BC C1005X6S0J474K050BC C1005X6S0G474K050BB ± 20% C1005X6S1A474M050BC C1005X6S0J474M050BC C1005X6S0G474M050BB 680 nF 1005 0.50 ± 0.05 ± 10% C1005X6S1A684K050BC C1005X6S0J684K050BC C1005X6S0G684K050BB ± 20% C1005X6S1A684M050BC C1005X6S0J684M050BC C1005X6S0G684M050BB 1 F 1005 0.50 ± 0.05 ± 10% C1005X6S1A105K050BC C1005X6S0J105K050BC C1005X6S0G105K050BB ± 20% C1005X6S1A105M050BC C1005X6S0J105M050BC C1005X6S0G105M050BB 1608 0.80 +0.15/-0.10 ± 10% C1608X6S1A105K080AC C1608X6S0J105K080AC ± 20% C1608X6S1A105M080AC C1608X6S0J105M080AC 1.5 F 1005 0.50 ± 0.05 ± 10% C1005X6S0J155K050BC C1005X6S0G155K050BC ± 20% C1005X6S0J155M050BC C1005X6S0G155M050BC 0.50 ± 0.10 ± 10% C1005X6S1A155K050BC ± 20% C1005X6S1A155M050BC 1608 0.80 ± 0.10 ± 10% C1608X6S1A155K080AB ± 20% C1608X6S1A155M080AB C1608X6S0J155M080AB 0.80 ± 0.20 ± 10% C1608X6S0J155K080AB 2.2 F 1005 0.50 ± 0.05 ± 10% C1005X6S1A225K050BC C1005X6S0J225K050BC C1005X6S0G225K050BC ± 20% C1005X6S1A225M050BC C1005X6S0J225M050BC C1005X6S0G225M050BC 1608 0.80 ± 0.10 ± 10% C1608X6S1A225K080AB C1608X6S0J225K080AB ± 20% C1608X6S1A225M080AB C1608X6S0J225M080AB 3.3 F 1005 0.50 ± 0.10 ± 10% C1005X6S0G335K050BC ± 20% C1005X6S0G335M050BC 1608 0.80 ± 0.10 ± 10% C1608X6S1A335K080AC C1608X6S0J335K080AB ± 20% C1608X6S1A335M080AC C1608X6S0J335M080AB 4.7 F 1005 0.50 +0.15/-0.10 ± 20% C1005X6S0G475M050BC 1608 0.80 ± 0.10 ± 10% C1608X6S1A475K080AC C1608X6S0J475K080AB ± 20% C1608X6S1A475M080AC C1608X6S0J475M080AB 2012 0.85 ± 0.15 ± 10% C2012X6S1A475K085AB ± 20% C2012X6S1A475M085AB 1.25 ± 0.20 ± 10% C2012X6S0J475K125AB ± 20% C2012X6S0J475M125AB Page 48 MULTILAYER CERAMIC CHIP CAPACITORS 003-02 / 20130710 / mlcc_commercial_general_en |