Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QL85D6SA Fiches technique(PDF) 5 Page - Roithner LaserTechnik GmbH

No de pièce QL85D6SA
Description  Infrared Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL85D6SA Fiches technique(HTML) 5 Page - Roithner LaserTechnik GmbH

  QL85D6SA Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL85D6SA Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL85D6SA Datasheet HTML 3Page - Roithner LaserTechnik GmbH QL85D6SA Datasheet HTML 4Page - Roithner LaserTechnik GmbH QL85D6SA Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
09.05.2012
QL85D6SA
5 of 5
Cautions
1. Operating methode
• This LD shall change its forward voltage requirement and optical ouput power according to
temperature change. Also, the LD will require more operation current to maintain same ouput
power as it degrades. In order to maintain output power, use of APC (Automatic Power
Control) is recommended. Which use monitor feedback to adjust the operation current.
• Confirm that electrical spike current generated by switching on and off does not exceed the
maximum operating current level specified herein above as absolute maximum rating. Also,
employ appropriat countermeasures to reduce chattering and/or overshooting in the circuit.
2. Static Electricity
• Static electricity or electrical surges will reduce and degrade the reliability of the LDs. It is
recommended to use a wrist trap or anti-electrostatic glove when handeling the Product.
3. Absolute Maximum Rating
• Active layer of LDs shall have high current density and generate high electric field during its
operation. In order to prevent excessive damage, the LD must be operated striclty below
absolute maximum rating.



Html Pages

1 2 3 4 5