Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF-FSMF035X-2 Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce MF-FSMF035X-2
Description  MF-FSMF Series - PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSMF035X-2 Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  MF-FSMF035X-2 Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSMF035X-2 Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSMF035X-2 Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSMF035X-2 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
“freeXpansion Design” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-FSMF Series - PTC Resettable Fuses
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Additional Applications
■ Automotive electronic control modules
■ Game console port protection
Model
AB
C
D
Min.
Max.
Min.
Max.
Min.
Max.
Min.
MF-FSMF010X
1.45
(0.057)
1.85
(0.073)
0.65
(0.026)
1.05
(0.041)
0.30
(0.012)
0.65
(0.026)
0.20
(0.008)
MF-FSMF020X
1.45
(0.057)
1.85
(0.073)
0.65
(0.026)
1.05
(0.041)
0.30
(0.012)
0.65
(0.026)
0.20
(0.008)
MF-FSMF035X
1.45
(0.057)
1.85
(0.073)
0.65
(0.026)
1.05
(0.041)
0.30
(0.012)
0.65
(0.026)
0.20
(0.008)
MF-FSMF050X
1.45
(0.057)
1.85
(0.073)
0.65
(0.026)
1.05
(0.041)
0.65
(0.026)
1.00
(0.039)
0.20
(0.008)
Packaging: MF-FSMF010X = 5000 pcs. per reel;
MF-FSMF020X & MF-FSMF035X = 6000 pcs. per reel;
MF-FSMF050X = 4000 pcs. per reel
A
B
1.00 ± 0.05
(.039 ± .002)
C
Top View
Bottom View
Side View
Recommended Pad Layout
D
I
1.00 ± 0.05
(.039 ± .002)
0.70 ± 0.05
(.028 ± .002)
Terminal material:
Nickel/gold plated.
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
How To Order
MF - FSMF 020 X - 2
Multifuse® Product
Designator
Series
FSMF = 0603 Surface Mount
Component
Hold Current, Ihold
010-050 (0.10 - 0.50 Amps)
Multifuse® freeXpansion™ Design
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
PART IDENTIFICATION:
MF-FSMF010X = II
MF-FSMF020X = I
MF-FSMF035X = •
MF-FSMF050X = —
BIWEEKLY DATE CODE WILL APPEAR ON THE PACKAGING LABEL:
WEEK 1 AND 2 = A
WEEK 51 AND 52 = Z
Solder Reflow Recommendations
Notes:
• MF-FSMF models cannot be wave soldered. Please contact Bourns for hand soldering
recommendations.
• If reflow temperatures exceed the recommended profile, devices may not meet the
performance requirements.
• Compatible with Pb and Pb-free solder reflow profiles.
• Excess solder may cause a short circuit, especially during hand soldering. Please refer to
the Multifuse® Polymer PTC Soldering Recommendation guidelines.
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)



Html Pages

1 2 3 4