Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM1810MWX7F Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STM1810MWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1810MWX7F Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STM1810MWX7F Datasheet HTML 16Page - STMicroelectronics STM1810MWX7F Datasheet HTML 17Page - STMicroelectronics STM1810MWX7F Datasheet HTML 18Page - STMicroelectronics STM1810MWX7F Datasheet HTML 19Page - STMicroelectronics STM1810MWX7F Datasheet HTML 20Page - STMicroelectronics STM1810MWX7F Datasheet HTML 21Page - STMicroelectronics STM1810MWX7F Datasheet HTML 22Page - STMicroelectronics STM1810MWX7F Datasheet HTML 23Page - STMicroelectronics STM1810MWX7F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Package mechanical
STM1810/1811/1812/1813/1815/1816/1817/1818
20/25
Doc ID11464 Rev 8
6
Package mechanical
6.1
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 21.
SOT23-3 – 3-lead small outline transistor package outline
1.
Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25