| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8349EVVALDB Fiches technique(PDF) 28 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8349EVVALDB Fiches technique(HTML) 28 Page - Freescale Semiconductor, Inc |
|
28 / 87 page ![]() MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13 28 Freescale Semiconductor Ethernet: Three-Speed Ethernet, MII Management 8.2.3.1 TBI Transmit AC Timing Specifications Table 29 provides the TBI transmit AC timing specifications. Figure 14 shows the TBI transmit AC timing diagram. Figure 14. TBI Transmit AC Timing Diagram 8.2.3.2 TBI Receive AC Timing Specifications Table 30 provides the TBI receive AC timing specifications. Table 29. TBI Transmit AC Timing Specifications At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%. Parameter/Condition Symbol1 Min Typ Max Unit GTX_CLK clock period tTTX —8.0 — ns GTX_CLK duty cycle tTTXH/tTTX 40 — 60 % GTX_CLK to TBI data TXD[7:0], TX_ER, TX_EN delay tTTKHDX 1.0 — 5.0 ns GTX_CLK clock rise (20%–80%) tTTXR —— 1.0 ns GTX_CLK clock fall time (80%–20%) tTTXF —— 1.0 ns Notes: 1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tTTKHDV symbolizes the TBI transmit timing (TT) with respect to the time from tTTX (K) going high (H) until the referenced data signals (D) reach the valid state (V) or setup time. Also, tTTKHDX symbolizes the TBI transmit timing (TT) with respect to the time from tTTX (K) going high (H) until the referenced data signals (D) reach the invalid state (X) or hold time. In general, the clock reference symbol is based on three letters representing the clock of a particular function. For example, the subscript of tTTX represents the TBI (T) transmit (TX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). Table 30. TBI Receive AC Timing Specifications At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%. Parameter/Condition Symbol1 Min Typ Max Unit PMA_RX_CLK clock period tTRX 16.0 ns PMA_RX_CLK skew tSKTRX 7.5 — 8.5 ns RX_CLK duty cycle tTRXH/tTRX 40 — 60 % GTX_CLK TXD[7:0] tTTX tTTXH tTTXR tTTXF tTTKHDX TX_EN TX_ER |