| Moteur de recherche de fiches techniques de composants électroniques |
|
MC9S08SH4MPJR Fiches technique(PDF) 197 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08SH4MPJR Fiches technique(HTML) 197 Page - Freescale Semiconductor, Inc |
|
197 / 341 page ![]() MC9S08SH8 MCU Series Data Sheet, Rev. 3 Freescale Semiconductor 193 Chapter 13 Real-Time Counter (S08RTCV1) 13.1 Introduction The RTC module consists of one 8-bit counter, one 8-bit comparator, several binary-based and decimal-based prescaler dividers, two clock sources, and one programmable periodic interrupt. This module can be used for time-of-day, calendar or any task scheduling functions. It can also serve as a cyclic wake up from low power modes without the need of external components. |