Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC9S08SH4MPJR Fiches technique(PDF) 193 Page - Freescale Semiconductor, Inc

No de pièce MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Fiches technique(HTML) 193 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 189Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 190Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 191Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 192Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 193Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 194Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 195Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 196Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 341 page
background image
Chapter 12 Modulo Timer (S08MTIMV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
189
12.3.2
MTIM Clock Configuration Register (MTIMCLK
MTIMCLK contains the clock select bits (CLKS) and the prescaler select bits (PS).
7
654
3
210
R
0
0
CLKS
PS
W
Reset:
0
0
0
0
0
0
0
0
Figure 12-5. MTIM Clock Configuration Registe
Table 12-3. MTIM Clock Configuration Register Field Descriptio
Field
Description
7:6
Unused register bits, always read 0.
5:4
CLKS
Clock Source Select — These two read/write bits select one of four different clock sources as the input to the
MTIM prescaler. Changing the clock source while the counter is active does not clear the counter. The count
continues with the new clock source. Reset clears CLKS to 000.
00
Encoding 0. Bus clock (BUSCLK)
01
Encoding 1. Fixed-frequency clock (XCLK)
10
Encoding 3. External source (TCLK pin), falling edge
11
Encoding 4. External source (TCLK pin), rising edge
All other encodings default to the bus clock (BUSCLK).
3:0
PS
Clock Source Prescaler — These four read/write bits select one of nine outputs from the 8-bit prescaler.
Changing the prescaler value while the counter is active does not clear the counter. The count continues with the
new prescaler value. Reset clears PS to 0000.
0000 Encoding 0. MTIM clock source
÷ 1
0001 Encoding 1. MTIM clock source
÷ 2
0010 Encoding 2. MTIM clock source
÷ 4
0011 Encoding 3. MTIM clock source
÷ 8
0100 Encoding 4. MTIM clock source
÷ 16
0101 Encoding 5. MTIM clock source
÷ 32
0110 Encoding 6. MTIM clock source
÷ 64
0111 Encoding 7. MTIM clock source
÷ 128
1000 Encoding 8. MTIM clock source
÷ 256
All other encodings default to MTIM clock source
÷ 256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com