| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8358ECVRADDDA Fiches technique(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8358ECVRADDDA Fiches technique(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 102 page ![]() MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5 Freescale Semiconductor 9 Overall DC Electrical Characteristics 2.1.2 Power Supply Voltage Specification This table provides the recommended operating conditions for the device. Note that the values in this table are the recommended and tested operating conditions. Proper device operation outside of these conditions is not guaranteed. Storage temperature range TSTG –55 to 150 ° C— Notes: 1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent damage to the device. 2. Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during power-on reset and power-down sequences. 3. Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during power-on reset and power-down sequences. 4. Caution: LVIN must not exceed LVDD by more than 0.3 V. This limit may be exceeded for a maximum of 100 ms during power-on reset and power-down sequences. 5. (M,L,O)VIN and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 3. 6. OVIN on the PCI interface may overshoot/undershoot according to the PCI Electrical Specification for 3.3-V operation, as shown in Figure 4. Table 2. Recommended Operating Conditions Characteristic Symbol Recommended Value Unit Notes Core and PLL supply voltage for MPC8358 Device Part Number with Processor Frequency label of AD=266MHz and AG=400MHz & QUICC Engine Frequency label of E=300MHz & G=400MHz MPC8360 Device Part Number with Processor Frequency label of AG=400MHz and AJ=533MHz & QUICC Engine Frequency label of G=400MHz VDD & AVDD 1.2 V ± 60 mV V 1, 3 Core and PLL supply voltage for MPC8360 Device Part Number with Processor Frequency label of AL=667MHz and QUICC Engine Frequency label of H=500MHz VDD & AVDD 1.3 V ± 50 mV V 1, 3 DDR and DDR2 DRAM I/O supply voltage DDR DDR2 GVDD 2.5 V ± 125 mV 1.8 V ± 90 mV V— Three-speed Ethernet I/O supply voltage LVDD0 3.3 V ± 330 mV 2.5 V ± 125 mV V— Three-speed Ethernet I/O supply voltage LVDD1 3.3 V ± 330 mV 2.5 V ± 125 mV V— Three-speed Ethernet I/O supply voltage LVDD2 3.3 V ± 330 mV 2.5 V ± 125 mV V— Table 1. Absolute Maximum Ratings1 (continued) Characteristic Symbol Max Value Unit Notes |