| Moteur de recherche de fiches techniques de composants électroniques |
|
DEMP2C2P-JK87 Fiches technique(PDF) 39 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMP2C2P-JK87 Fiches technique(HTML) 39 Page - ITT Industries |
|
39 / 103 page ![]() 39 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Cannon Combo D® Crimp Contacts Size 20 Crimp Contacts Size 20 Machined Contacts Pin Socket Contact sizeAWG 26 – 30 20 – 24 26 – 30 20 – 24 Gold Flash (Performance class 3) 330-5291-004 330-5291-000 031-1007-004 031-1007-000 50 µnAu (Performance class 2) 330-5291-050 980-0009-472 031-1007-048 980-0009-471 AWG size A± 0,05 B ± 0,05 C max. 20 – 24 Pin 1,7 (0.067) 1,0 (0.039) 14,2 (0.559) Socket 1,7 (0.067) 1,0 (0.039) 13,7 (0.539) 26 – 30 Pin 1,7 (0.067) 0,6 (0.039) 14,2 (0.559) Socket 1,7 (0.067) 0,6 (0.039) 13,7 (0.539) MIL-C-39029 Cross Reference List Contact sizeAWG M39029 / MIL24308* Cannon Part Number 20 / / 63-368 / Socket 980-0009-471 20 / / 64-369 / Pin 980-0009-472 * Superseded byAS39029 C C Socket Pin |