Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DCFME-101 Fiches technique(PDF) 21 Page - ITT Industries

No de pièce DCFME-101
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DCFME-101 Fiches technique(HTML) 21 Page - ITT Industries

Back Button DCFME-101 Datasheet HTML 17Page - ITT Industries DCFME-101 Datasheet HTML 18Page - ITT Industries DCFME-101 Datasheet HTML 19Page - ITT Industries DCFME-101 Datasheet HTML 20Page - ITT Industries DCFME-101 Datasheet HTML 21Page - ITT Industries DCFME-101 Datasheet HTML 22Page - ITT Industries DCFME-101 Datasheet HTML 23Page - ITT Industries DCFME-101 Datasheet HTML 24Page - ITT Industries DCFME-101 Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
D Cannon D-Subminiature Accessories
19
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Shell
Part
AB
C
D
E
F
G
H
JK
Size Layout
Number
±0,41 (.016) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,13 (.005) ±0,41 (.016) ±0,41 (.016) ±0,41 (.016) ±0,41 (.016)
DE
9
DE111919 49,61 (1.953) 40,08 (1.578) 33,91 (1.335) 18,65 (.734) 25,40 (1.000) 19,05 (.750) 25,00 (.984)
12,29 (.484) 30,58 (1.204) 6,15 (.242)
DA
15
DA22213
57,96 (2.282) 48,41 (1.906) 42,24 (1.663) 22,81 (.898) 25,40 (1.000) 19,05 (.750) 33.32 (1.312) 12,29 (.484) 38,89 (1.531) 6,15 (.242)
DB
25
DB22255
71,63 (2.820) 62,13 (2.446) 55,96 (2.203) 29,67 (1.168) 25,40 (1.000) 19,05 (.750) 47,04 (1.852) 12,29 (.484) 51,99 (2.047) 6,15 (.242)
DC
37
DC22070
88,11 (3.469) 78,59 (3.094) 72,42 (2.851) 37,90 (1.492) 25,40 (1.000) 19,05 (.750) 63,50 (2.500) 12,29 (.484) 68,25 (2.687) 6,15 (.242)
DD
50
DD21962
85,72 (3.375) 76,20 (3.000) 69,82 (2.749) 36,50 (1.437) 28,58 (1.125) 22,20 (.874) 61,11 (2.406) 15,06 (.593) 66,93 (2.635) 7,52 (.296)
4,78 ± 0,30
(.188 ± 0.12)
6,35 (.250) MAX
SOLDER POT
EXTENSION
4,01 (.158)
DIA. MAX.
1,57 (.062)
MAX.
4,06 (.160) REF
DIA MAX.
1,57 ± 0,13
(.062 ± .005)
8,71 ± 0,38
(.343 ± .015)
22,22 ± 0,76
(.875 ± .030)
4,06 ± 0,25
(.160 ± .010)
A
B
C
D
ITT CANNON
E
F
G
3,66 ± 0,13
(.144 ± .005)
2 PLACES
CL
+
+
++
+
+
3,66 ± 0,13 DIA.
(.144 ± .005)
2 PLACES
5,54 ± 0,13 DIA.
(.218 ± .005)
2 PLACES
K
RADIUS
B
C
D
J
H
F
CL
Recommended Panel Cutout
Guide Pin Plate
Male
Plate and Hardware Material: Steel
Plate and Hardware Finish:
Chromate over Zinc
Guide Pin Material:
Stainless Steel
• Useful in blind mate applications.
• Kit consists of 1 plate, 2 sems screws, 2 rivets,
2 guide pins, 2 washer
• Guide pin inserts for Size 8 cavities for Combo
D® connectors also available. Refer to Combo D
Catalog.
Guide Pin Plate
D sub:Layout 1
3/24/09
12:37 PM
Page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28