Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B66385 Fiches technique(PDF) 5 Page - EPCOS

No de pièce B66385
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B66385 Fiches technique(HTML) 5 Page - EPCOS

  B66385 Datasheet HTML 1Page - EPCOS B66385 Datasheet HTML 2Page - EPCOS B66385 Datasheet HTML 3Page - EPCOS B66385 Datasheet HTML 4Page - EPCOS B66385 Datasheet HTML 5Page - EPCOS B66385 Datasheet HTML 6Page - EPCOS B66385 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
06/13
Symbol
Meaning
Unit
L/L
L0
LH
Lp
Lrev
Ls
le
lN
N
PCu
Ptrans
PV
PF
Q
R
RCu
Rh
R
h
Ri
Rp
Rs
Rth
RV
s
T
T
TC
t
tv
tan

tan

L
tan

r
tan

e
tan

h
tan
/
i
U
Û
Ve
Z
Zn
Relative inductance change
Inductance of coil without core
Main inductance
Parallel inductance
Reversible inductance
Series inductance
Effective magnetic path length
Average length of turn
Number of turns
Copper (winding) losses
Transferrable power
Relative core losses
Performance factor
Quality factor (Q =
L/R
s = 1/tanL)
Resistance
Copper (winding) resistance (f = 0)
Hysteresis loss resistance of a core
Rh change
Internal resistance
Parallel loss resistance of a core
Series loss resistance of a core
Thermal resistance
Effective loss resistance of a core
Total air gap
Temperature
Temperature difference
Curie temperature
Time
Pulse duty factor
Loss factor
Loss factor of coil
(Residual) loss factor at H
 0
Relative loss factor
Hysteresis loss factor
Relative loss factor of material at H
 0
RMS value of voltage
Peak value of voltage
Effective magnetic volume
Complex impedance
Normalized impedance |Z|n = |Z| /N2 (le/Ae)
H
H
H
H
H
H
mm
mm
W
W
mW/g







K/W

mm
°C
K
°C
s
V
V
mm3

/mm
Symbols and terms
Ferrites and accessories



Html Pages

1 2 3 4 5 6 7