| Moteur de recherche de fiches techniques de composants électroniques |
|
SL1003A250 Fiches technique(PDF) 3 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SL1003A250 Fiches technique(HTML) 3 Page - Littelfuse |
|
3 / 5 page ![]() ©2009 Littelfuse, Inc. Gas Discharge Tube (GDT) Products 42 Revised: November 10, 2009 Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. Customer should verify actual device performance in their specific applications. SL1003A Series SL1003A Series Device Dimensions 'SM' Type Surface Mount Devices 'R' Type Radial Lead Devices (SL1003xxxF and SL1003xxxRF) 'R' Type Radial Lead Devices (SL1003AxxxR-001) For SL1003A series: 'C' Type Core Devices PROFILE VIEW TOP VIEW 8.1 ± 0.2 [0.319 ± 0.0079] 4.4 ± 0.3 [0.173± 0.012] 4.4 ± 0.3 [0.173± 0.012] 4.3 + 1.5 [0.169 + 0.059] 0.8 DIA. MAX. [0.031] 12.2 - 2 [0.480 - 0.079] Ø6.3 ± 0.2 [0.248 ± 0.0079] 6.0 ± 0.5 [0.236 ± 0.020] PROFILE VIEW TOP VIEW 8.1 ± 0.2 [0.319 ± 0.0079] 4.3 + 1.5 [0.169 + 0.059] 0.8 DIA. MAX. [0.031] 12.2 - 2 [0.480 - 0.079] Ø6.3 ± 0.2 [0.248 ± 0.0079] 6.0 ± 0.5 [0.236 ± 0.020] 3.9 ± 0.3 [0.154± 0.012] 3.9 ± 0.3 [0.154± 0.012] PROFILE VIEW TOP VIEW 8.1 ± 0.2 [0.319 ± 0.0079] 0.8 MAX. 3.9 ± 0.3 [0.154± 0.012] 3.9 ± 0.3 [0.154± 0.012] 4.3 + 1.5 [0.169 + 0.059] 6.6 ± 0.5 [0.260 + 0.020] 12.2 - 2 [0.480 - 0.079] Ø6.3 ± 0.2 [0.248 ± 0.0079] 3 ± 0.5 [0.118 ± 0.020] 2 ± 0.5 [0.079 ± 0.020 6.0 ± 0.5 [0.236 ± 0.020] 0.8 DIA. MAX. [0.031] 6.0 ± 0.1 3.20 [0.126] TOP VIEW PROFILE VIEW 8.1 ± 0.2 [0.319 ± 0.0079] TOP VIEW 2.20 [0.087] 6.000 [0.236] 7.60 [0.299] 1.20 [0.047] 1.20 [0.04] TOP VIEW Ø6.0 ± 0.1 [0.236 ± 0.0039] PROFILE VIEW 8.1 ± 0.2 [0.319 ± 0.0079] Dimensions are in millimeters [and inches] |