| Moteur de recherche de fiches techniques de composants électroniques |
|
3.0-VLVCMOS Fiches technique(PDF) 11 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
3.0-VLVCMOS Fiches technique(HTML) 11 Page - Altera Corporation |
|
11 / 34 page ![]() Chapter 1: Cyclone III Device Datasheet 1–11 Electrical Characteristics July 2012 Altera Corporation Cyclone III Device Handbook Volume 2 Table 1–14. Cyclone III Devices Single-Ended SSTL and HSTL I/O Reference Voltage Specifications (1) I/O Standard VCCIO (V) VREF (V) VTT (V) (2) Min Typ Max Min Typ Max Min Typ Max SSTL-2 Class I, II 2.375 2.5 2.625 1.19 1.25 1.31 VREF – 0.04 VREF VREF + 0.04 SSTL-18 Class I, II 1.7 1.8 1.9 0.833 0.9 0.969 VREF – 0.04 VREF VREF + 0.04 HSTL-18 Class I, II 1.71 1.8 1.89 0.85 0.9 0.95 0.85 0.9 0.95 HSTL-15 Class I, II 1.425 1.5 1.575 0.71 0.75 0.79 0.71 0.75 0.79 HSTL-12 Class I, II 1.14 1.2 1.26 0.48 * VCCIO (3) 0.5 * VCCIO (3) 0.52 * VCCIO (3) — 0.5 * VCCIO — 0.47 * VCCIO (4) 0.5 * VCCIO (4) 0.53 * VCCIO (4) Notes to Table 1–14: (1) For an explanation of terms used in Table 1–14, refer to “Glossary” on page 1–27. (2) VTT of transmitting device must track VREF of the receiving device. (3) Value shown refers to DC input reference voltage, VREF(DC). (4) Value shown refers to AC input reference voltage, VREF(AC). Table 1–15. Cyclone III Devices Single-Ended SSTL and HSTL I/O Standards Signal Specifications I/O Standard VIL(DC) (V) VIH(DC) (V) VIL(AC) (V) VIH(AC) (V) VOL (V) VOH (V) IOL (mA) IOH (mA) Min Max Min Max Min Max Min Max Max Min SSTL-2 Class I — VREF – 0.18 VREF + 0.18 —— VREF – 0.35 VREF + 0.35 — VTT – 0.57 VTT + 0.57 8.1 –8.1 SSTL-2 Class II — VREF – 0.18 VREF + 0.18 —— VREF – 0.35 VREF + 0.35 — VTT – 0.76 VTT + 0.76 16.4 –16.4 SSTL-18 Class I — VREF – 0.125 VREF + 0.125 —— VREF – 0.25 VREF + 0.25 — VTT – 0.475 VTT + 0.475 6.7 –6.7 SSTL-18 Class II — VREF – 0.125 VREF + 0.125 —— VREF – 0.25 VREF + 0.25 —0.28 VCCIO – 0.28 13.4 –13.4 HSTL-18 Class I — VREF – 0.1 VREF + 0.1 —— VREF – 0.2 VREF + 0.2 —0.4 VCCIO – 0.4 8–8 HSTL-18 Class II — VREF – 0.1 VREF + 0.1 —— VREF – 0.2 VREF + 0.2 —0.4 VCCIO – 0.4 16 –16 HSTL-15 Class I — VREF – 0.1 VREF + 0.1 —— VREF – 0.2 VREF + 0.2 —0.4 VCCIO – 0.4 8–8 HSTL-15 Class II — VREF – 0.1 VREF + 0.1 —— VREF – 0.2 VREF + 0.2 —0.4 VCCIO – 0.4 16 –16 HSTL-12 Class I –0.15 VREF – 0.08 VREF + 0.08 VCCIO + 0.15 –0.24 VREF – 0.15 VREF + 0.15 VCCIO + 0.24 0.25 × VCCIO 0.75 × VCCIO 8–8 HSTL-12 Class II –0.15 VREF – 0.08 VREF + 0.08 VCCIO + 0.15 –0.24 VREF – 0.15 VREF + 0.15 VCCIO + 0.24 0.25 × VCCIO 0.75 × VCCIO 14 –14 |