Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B66455K Fiches technique(PDF) 3 Page - EPCOS

No de pièce B66455K
Description  Ferrites and accessories
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B66455K Fiches technique(HTML) 3 Page - EPCOS

  B66455K Datasheet HTML 1Page - EPCOS B66455K Datasheet HTML 2Page - EPCOS B66455K Datasheet HTML 3Page - EPCOS B66455K Datasheet HTML 4Page - EPCOS B66455K Datasheet HTML 5Page - EPCOS B66455K Datasheet HTML 6Page - EPCOS B66455K Datasheet HTML 7Page - EPCOS B66455K Datasheet HTML 8Page - EPCOS B66455K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EILP 22
Combination:
ELP 22/6/16 with I 22/2.5/16
■
To IEC 62317-9
■
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.33 mm–1
le
= 26.1 mm
Ae
= 78.5 mm2
Amin = 77.9 mm2
Ve
= 2050 mm3
Approx. weight 10.5 g/set
Ungapped
* H = 250 A/m; f = 10 kHz; T = 100 °C
** Plate-type tool type
Mate-
rial
AL value
nH
e
BS*
mT
PV
W/set
Ordering code
(per piece)
N49
3700
25%
960 250
< 0.50 ( 50 mT, 500 kHz, 100 °C) B66285G0000X149 (ELP core)
B66285K0000X149 (I core)**
N92
4000
25%
1050 350
< 1.38 (200 mT, 100 kHz, 100 °C) B66285G0000X192 (ELP core)
B66285K0000X192 (I core)**
N87
5200
25%
1360 300
< 1.25 (200 mT, 100 kHz, 100 °C) B66285G0000X187 (ELP core)
B66285K0000X187 (I core)**
N97
5250
25%
1390 310
< 1.00 (200 mT, 100 kHz, 100 °C) B66285G0000X197 (ELP core)
B66285K0000X197 (I core)**
ELP 22/6/16
I 22/2.5/16
B66285
Core and accessories (with clamp recess)
ELP 22/6/16 with I 22/2.5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11