| Moteur de recherche de fiches techniques de composants électroniques |
|
AM1700F Fiches technique(PDF) 8 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
AM1700F Fiches technique(HTML) 8 Page - Panasonic Semiconductor |
|
8 / 8 page ![]() AM1 4. Oil tight types mm General tolerance: ±0.4 NOTES The pushbutton part is sealed with the rubber cap and the connected part between the cap and body is also coated with resin so that these parts are kept away from foreign matters. This type has resistance to oil. Rigid lever AM1511F (Solder terminal) AM1711F (Screw terminal) 26.1 20.1 ±0.5 F.P. O.P. R63.5 Plunger seal 4.8 Lever: Stainless steel Operating force, max. 0.69 N Release force, min. 0.14 N Pretravel, max. mm 10 Movement differential, max. mm 1.5 Overtravel, min. mm 5.6 Operating position, mm 19.1 ±0.7 CAD Data Rigid short roller lever AM1514F (Solder terminal) AM1714F (Screw terminal) 26.1 20.1 ±0.5 16.9 ±0.8 F.P. O.P. R26.7 Plunger seal Roller 9.5 dia. ×4: Plastic Operating force, max. 1.67 N Release force, min. 0.42 N Pretravel, max. mm 4.5 Movement differential, max. mm 0.7 Overtravel, min. mm 2.4 Operating position, mm 30.2 ±0.4 CAD Data Rigid roller lever AM1513F (Solder terminal) AM1713F (Screw terminal) 26.1 20.1 ±0.5 16.9 ±0.8 F.P. O.P. R48.3 Plunger seal Roller 9.5 dia. ×4: Plastic Operating force, max. 0.98 N Release force, min. 0.20 N Pretravel, max. mm 7.5 Movement differential, max. mm 1.3 Overtravel, min. mm 3.6 Operating position, mm 30.2 ±0.7 CAD Data 1. Regarding fastening of switch body 1) In fastening the switch body, use M4 mounting screws to attach switches with the torque 1.5 N·m or less. 2) After mounting and wiring, the insulation distance between ground and each terminal should be confirmed as sufficient. 2. Adjustment of the operating device The operating device should be positioned so that it applies no stress to the pushbutton or actuator when the switch is in the open position. If this condition is exceeded, the mechanical and electrical performance will be impaired. In addition, the force applied by the operating device should be in a perpendicular direction. Even if the pushbutton is used in the full total travel position, there will be no influence on the life of the switch. 3. Soldering operations Soldering should be done in less than 5 seconds, with a 60 watt iron (tip temperature = 350°C max.). Care should be taken not to apply force to the terminal during soldering. 4. Avoid using switches in the following conditions: • In corrosive gases such as hydrogen sulfide. • In flammable or explosive gases such as gasoline or thinner etc. • In a dusty environment. • In an ambient humidity over 85%. • In conditions where the perpendicular operating speed is less than 0.1 mm/sec. or more than 1,000 mm/sec. • In a silicon atmosphere. 5. Others Caution should be taken not to drop switches. AECTB8E 201201-T Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e |