Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSHD-5503DP Fiches technique(PDF) 2 Page - Lite-On Technology Corporation

No de pièce LSHD-5503DP
Description  The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITEON [Lite-On Technology Corporation]
Site Internet  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSHD-5503DP Fiches technique(HTML) 2 Page - Lite-On Technology Corporation

  LSHD-5503DP Datasheet HTML 1Page - Lite-On Technology Corporation LSHD-5503DP Datasheet HTML 2Page - Lite-On Technology Corporation LSHD-5503DP Datasheet HTML 3Page - Lite-On Technology Corporation LSHD-5503DP Datasheet HTML 4Page - Lite-On Technology Corporation LSHD-5503DP Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LSHD-5503
PAGE:
2 of 5
BNS-OD-C131/A4
PACKAGE DIMENSIONS
NOTES: All dimensions are in millimeters. Tolerances are
± 0.25mm (0.01“) unless otherwise noted.
INTERNAL CIRCUIT DIAGRAM



Html Pages

1 2 3 4 5