Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDLS-2416 Fiches technique(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HDLS-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLS-2416 Fiches technique(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDLS-2416 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLS-2416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
4.5
5.0
5.5
V
Notes:
1. VDD = 5.0 V.
2. Average IDD measured at full brightness. Peak IDD = 28/15 x Average IDD(#).
3. IDD(#) max. = 135 mA for HDLO/HDLA/HDLY/HDLG-2416, 146 mA for HDLS-2416, and 42 mA for HDLU-2416 at default brightness, 150°C IC
junction temperature and VDD = 5.5 V.
Electrical Characteristics over Operating Temperature Range
4.5 < VDD < 5.5 V (unless otherwise specified)
All Devices
25°C [1]
Parameter
Symbol
Min.
Typ.
Max.
Max.
Units
Test Conditions
IDD Blank
IDD (blnk)
1.0
4.0
mA
All Digits Blanked
Input Current
II
-40
10
µA
VIN = 0 V to VDD
VDD = 5.0 V
Input Voltage High
VIH
2.0
VDD
V
Input Voltage Low
VIL
GND
0.8
V
HDLO/HDLA/HDLY/HDLG-2416
25°C [1]
Parameter
Symbol
Min.
Typ.
Max.
Max.
Units
Test Conditions
IDD 4 digits
IDD(#)
110
135
160
mA
“#” ON in All
20 Dots/Character[2, 3]
Four Locations
IDD Cursor All
IDD (CU)
92
110
135
mA
Cursor ON in All
Dots ON @ 50%
Four Locations
HDLS/HDLU-2416
25°C[1]
Part Number
Parameter
Symbol
Typ.
Max.
Max.
Units
Test Conditions
HDLS-2416
IDD 4 digits
IDD(#)
125
146
180
mA
Four “#” ON in All
HDLU-2416
20 dots/character[2,3]
34
42
52
Four Locations
HDLS-2416
IDD Cursor all dots
IDD(CU)
105
124
154
mA
Four Cursors ON in
HDLU-2416
ON @ 50%
29
36
45
All Four Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com