| Moteur de recherche de fiches techniques de composants électroniques |
|
ABC-8 Fiches technique(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
ABC-8 Fiches technique(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 5 page ![]() Part No. Blister (Amps)* Pack Nickel-Plated AGU-10 AGU-15 AGU-20 AGU-25 AGU-30 X AGU-40 X AGU-50 X AGU-60 X Gold-Plated AGU-10GP X AGU-15GP X AGU-20GP X AGU-25GP X AGU-30GP X AGU-35GP X AGU-40GP X AGU-50GP X AGU-60GP X Glass & Ceramic Tube Fuses *See Price Sheet for all available ratings. GBB - 1/4”x 11/4” Very Fast-Acting Ceramic Tube Fuses AGC - 1/4”x 11/4” Fast-Acting Glass Tube Fuses *See Price Sheet for all available ratings. *See Price Sheet for all available ratings. For product information and Data Sheets, visit www.cooperbussmann.com 35 Consumer Aftermarket Catalog Part No. Poly Blister Tri-Lingual (Amps)* Bag Pack Blister AGC-1/8 AGC-3/10 AGC-1/4 AGC-3/8 AGC-1/2 XX X AGC-3/4 AGC-1 X X X AGC-11/4 AGC-11/2 XX X AGC-2 X X X AGC-21/2 XX AGC-3 X X X AGC-32/10 AGC-31/2 AGC-4 X X X AGC-5 X X X AGC-6 X X AGC-61/4 AGC-7 X AGC-71/2 XX X AGC-8 X AGC-10 X X X AGC-12 AGC-15 X X X AGC-20 X X X AGC-25 X X X AGC-30 X X X AGC-35 X X X AGC-50 Part No. Poly Blister Tri-Lingual Amps Bag Pack Blister ABC-1/4 ABC-1/2 ABC-1 ABC-2 ABC-21/2 ABC-3 ABC-4 ABC-5 ABC-6 ABC-7 ABC-8 ABC-10 X X X ABC-12 ABC-15 X X X ABC-20 X ABC-25 ABC-30 ABC - 1/4”x 11/4” Fast-Acting Ceramic Tube Fuses Polybag Part No. (Amps)* GBB-10BC Color Part No. Blister Tri-Lingual Code (Amps)* Pack Blister Yellow GBC-5 White GBC-8 X X Red GBC-16 X X Blue GBC-25 X X GBC - 1/4”x 31/32” Fast-Acting German Automotive Fuses Fuse Part No. Blister Tri-Lingual Length (Amps)* Pack Blister 5 /8” SFE-4 X X 3 /4” SFE-6 X X 7 /8” SFE-71/2 XX 7 /8” SFE-9 X X 11/16” SFE-14 X X 11/4” SFE-20 X X 17/16” SFE-30 X X SFE Fast-Acting, 1/4” Diameter Size-Rejecting Automotive Glass Tube Fuses AGU - 13/32”x 11/2” Fast-Acting Glass Tube Midget Fuses Available with gold-plated end caps for high-end stereo and AV markets. *See Price Sheet for all available ratings. *See Price Sheet for all available ratings. *See Price Sheet for all available ratings. |